Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GBPC Datasheet (PDF) - Multicomp Pro

GBPC Datasheet PDF - Multicomp Pro
Part # GBPC
Download  GBPC Download
File Size   590.48 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bridge Rectifier GBPC Series

GBPC Datasheet (PDF)

Go To PDF Page Download Datasheet
GBPC Datasheet PDF - Multicomp Pro

Part # GBPC
Download  GBPC Click to download

File Size   590.48 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bridge Rectifier GBPC Series

GBPC Datasheet (HTML) - Multicomp Pro


GBPC Product details

Features:
•Plastic material
•Integrally moulded heatsink provide very low thermal resistance for maximum heat dissipation
•Surge overload ratings from 300 to 400A
•Terminals solderable per MIL-STD-202, method 208 (for wire type)
•Typical Ir less than 0.2μA
•High temperature soldering guaranteed : 260°C / 10 seconds 0.375 inches (9.5mm) lead lengths (for wire type)
•Isolated voltage from case to lead over 2,500V




Similar Part No. - GBPC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GBPC FAIRCHILD-GBPC Datasheet
41Kb / 3P
12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers
logo
International Rectifier
GBPC IRF-GBPC Datasheet
131Kb / 6P
SINGLE PHASE BRIDGE
logo
Taiwan Semiconductor Co...
GBPC TSC-GBPC Datasheet
272Kb / 4P
Glass Passivated Bridge Rectifiers
logo
ON Semiconductor
GBPC ONSEMI-GBPC Datasheet
329Kb / 7P
Bridge Rectifiers (Glass Passivated)
July, 2020 - Rev. 2
GBPC ONSEMI-GBPC Datasheet
244Kb / 8P
Bridge Rectifiers (Glass Passivated)
June, 2024 - Rev. 3
More results


Similar Description - GBPC

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
Bridge Rectifier
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Zowie Technology Corpor...
Z4GP30MPH ZOWIE-Z4GP30MPH Datasheet
66Kb / 4P
Bridge Rectifier
Z4SGP30MDPH ZOWIE-Z4SGP30MDPH Datasheet
64Kb / 2P
Bridge Rectifier
logo
Guangdong Juxing Electr...
KBJ6005 JUXING-KBJ6005_18 Datasheet
1Mb / 2P
BRIDGE RECTIFIER
logo
SiPower Inc.
T1ZBFDIP SIPOWER-T1ZBFDIP Datasheet
321Kb / 2P
Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com