Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JR-101 Datasheet (PDF) - Multicomp Pro

JR-101 Datasheet PDF - Multicomp Pro
Part # JR-101
Download  JR-101 Download
File Size   360.69 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Inlet IEC Flange Fixing

JR-101 Datasheet (PDF)

Go To PDF Page Download Datasheet
JR-101 Datasheet PDF - Multicomp Pro

Part # JR-101
Download  JR-101 Click to download

File Size   360.69 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Inlet IEC Flange Fixing

JR-101 Datasheet (HTML) - Multicomp Pro


JR-101 Product details

Feature
•Solder terminals 7.3mm × 4.7mm × 0.8mm




Similar Part No. - JR-101

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
JR-101-1-FRSG-02 MULTICOMP-JR-101-1-FRSG-02 Datasheet
184Kb / 1P
IEC Inlet With Fuse Holder
25/01/24
JR-101-1F MULTICOMP-JR-101-1F Datasheet
187Kb / 1P
Fused IEC Inlet
05/02/21
JR-101-1FS MULTICOMP-JR-101-1FS Datasheet
207Kb / 1P
IEC Fused Inlet - Snap Fit
07/01/21
JR-101S-G MULTICOMP-JR-101S-G Datasheet
342Kb / 1P
Inlet, IEC Snap Fit
05/02/21
More results


Similar Description - JR-101

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
42R01-2X2X POWERDYNAMICS-42R01-2X2X Datasheet
50Kb / 1P
IEC 60320 C14 APPL. INLET; SCREW TERMINALS; CROSS FLANGE
42R01-4X2X POWERDYNAMICS-42R01-4X2X Datasheet
50Kb / 1P
IEC 60320 C14 APPL. INLET; SCREW TERMINALS; SIDE FLANGE
42R01-5X2X POWERDYNAMICS-42R01-5X2X Datasheet
43Kb / 1P
IEC 60320 C14 APPL. INLET; SCREW TERMINALS; BOTTOM FLANGE
42R01-6X2X POWERDYNAMICS-42R01-6X2X Datasheet
49Kb / 1P
IEC 60320 C14 APPL. INLET; SCREW TERMINALS; BOTTOM FLANGE
42R01-7X2X POWERDYNAMICS-42R01-7X2X Datasheet
50Kb / 1P
IEC 60320 C14 APPL. INLET; SCREW TERMINALS; SIDE FLANGE
42R01-8X2X POWERDYNAMICS-42R01-8X2X Datasheet
52Kb / 1P
IEC 60320 C14 APPL. INLET; SCREW TERMINALS; SIDE FLANGE
42R03-5X2X POWERDYNAMICS-42R03-5X2X Datasheet
38Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; BOTTOM FLANGE
42R03-6X2X POWERDYNAMICS-42R03-6X2X Datasheet
40Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; BOTTOM FLANGE
HGN-368 POWERDYNAMICS-HGN-368 Datasheet
396Kb / 2P
IEC 60320 INLET SOCKET WITH SWITCH, FLANGE MOUNT
HGN-369 POWERDYNAMICS-HGN-369 Datasheet
387Kb / 2P
IEC 60320 INLET SOCKET WITH VOLTAGE SELECT, FLANGE MOUNT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com