Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM10 Datasheet (PDF) - Multicomp Pro

MM10 Datasheet PDF - Multicomp Pro
Part # MM10
Download  MM10 Download
File Size   245.83 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Miniature PMDC Motor

MM10 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM10 Datasheet PDF - Multicomp Pro

Part # MM10
Download  MM10 Click to download

File Size   245.83 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Miniature PMDC Motor

MM10 Datasheet (HTML) - Multicomp Pro


MM10 Product details

Standard Operating Conditions
Rated Voltage : 3V DC
Direction of Rotation : CWW
Electrical Characteristics (at initial stage after 30 seconds run-in)
No Load Current : 0.4A Max.
No Load Speed : 16000 ±10%rpm
Rated Load : 11.9 g.cm (tested with fan)
Rated Current : 1.5A Max.
Rated Speed : 12400 ±8%rpm
Noise : 30cm ≤68dB
Torque : 10 g-cm
Output Watts : 1.23W
Mechanical Characteristics
End Play : 0.05mm to 0.45mm
Runout of shaft extension : 0.02mm Max.




Similar Part No. - MM10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MM1001 ETC-MM1001 Datasheet
135Kb / 3P
Resistive humidity sensor/module
logo
Mitsumi Electronics, Co...
MM1002 MITSUMI-MM1002 Datasheet
104Kb / 6P
Video Amplifier
MM1002F MITSUMI-MM1002F Datasheet
104Kb / 6P
Video Amplifier
logo
Mitsubishi Electric Sem...
MM1006 MITSUBISHI-MM1006 Datasheet
116Kb / 4P
Monolithic IC MM1006
logo
Mitsumi Electronics, Co...
MM1007 MITSUMI-MM1007 Datasheet
133Kb / 4P
HBS-Compatible Driver and Receiver
More results


Similar Description - MM10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1863M SANYO-LB1863M Datasheet
76Kb / 5P
Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
logo
Littelfuse
519 LITTELFUSE-519 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
647 LITTELFUSE-647 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H Datasheet
52Kb / 2P
12 AMP MINIATURE MINIATURE
logo
Altech corporation
MA0.16U ALTECH-MA0.16U Datasheet
222Kb / 3P
Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
logo
Sanyo Semicon Device
LB1863M SANYO-LB1863M_09 Datasheet
151Kb / 6P
Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
logo
Tyco Electronics
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
2 Pole Miniature 2 Pole Miniature
logo
Altech corporation
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com