Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-C877 Datasheet (PDF) - Abracon Corporation

ACPL-C877 Datasheet PDF - Abracon Corporation
Part # ACPL-C877
Download  ACPL-C877 Download
File Size   1017.86 Kbytes
Page   18 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Precision Optically Isolated Digital Voltage Sensor

ACPL-C877 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-C877 Datasheet PDF - Abracon Corporation

Part # ACPL-C877
Download  ACPL-C877 Click to download

File Size   1017.86 Kbytes
Page   18 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Precision Optically Isolated Digital Voltage Sensor

ACPL-C877 Datasheet (HTML) - Abracon Corporation


ACPL-C877 Product details

Features
 Superior optical isolation and insulation
 10-MHz internal clock
 1-bit, second-order sigma-delta modulator
 16 bits resolution no missing codes (10 bits ENOB)
 76 dB typical SNR, 66 dB typical SNDR
 ±10 mV maximum offset error at room temperature
 8 μV/°C typical offset drift
 ±1% maximum gain error
 Internal reference voltage
 0V to 2V linear range with single 5V supply (3.2V full
scale)
 3V to 5.5V wide supply range for digital interface
 –40°C to +110°C operating temperature range
 Output slew rate control
 SSO-8 package
 25-kV/μs common-mode transient immunity
 Safety and regulatory approval:
– IEC/EN 60747-5-5: 1414 Vpeak working insulation
voltage
– UL 1577: 5000 Vrms/1 min isolation voltage
– CAN/CSA-C22.2 No. 62368-1

Applications
 Isolated voltage sensing in AC and servo motor drives
 Isolated DC-bus voltage sensing in solar inverters and
wind turbine inverters
 Isolated sensor interfaces
 Signal isolation in data acquisition systems
 General-purpose voltage sensing
 Voltage sensing in insulation resistance measurements




Similar Part No. - ACPL-C877

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C870 AVAGO-ACPL-C870 Datasheet
559Kb / 14P
Precision Optically Isolated Voltage Sensor
ACPL-C870 AVAGO-ACPL-C870 Datasheet
128Kb / 14P
Precision Optically Isolated Voltage Sensor
logo
Broadcom Corporation.
ACPL-C870 BOARDCOM-ACPL-C870 Datasheet
1Mb / 16P
Precision Optically Isolated Voltage Sensor
logo
Abracon Corporation
ACPL-C870 ABRACON-ACPL-C870 Datasheet
910Kb / 16P
Precision Optically Isolated Voltage Sensor
September 16, 2024
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C870-000E AVAGO-ACPL-C870-000E Datasheet
128Kb / 14P
Precision Optically Isolated Voltage Sensor
More results


Similar Description - ACPL-C877

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
Optically Isolated Error Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87B-000E AVAGO-ACPL-C87B-000E Datasheet
559Kb / 14P
Precision Optically Isolated Voltage Sensor
ACPL-C87B AVAGO-ACPL-C87B Datasheet
128Kb / 14P
Precision Optically Isolated Voltage Sensor
logo
IXYS Corporation
LIA135 IXYS-LIA135 Datasheet
252Kb / 13P
Low Voltage Optically Isolated Error Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87A-000E AVAGO-ACPL-C87A-000E Datasheet
150Kb / 14P
Precision Optically Isolated Voltage Sensor
ACPL-C87A-500E AVAGO-ACPL-C87A-500E Datasheet
150Kb / 14P
Precision Optically Isolated Voltage Sensor
logo
Broadcom Corporation.
ACNT-H87B BOARDCOM-ACNT-H87B Datasheet
1Mb / 15P
Precision Optically Isolated Voltage Sensor in a 15-mm Stretched SO-8 Package
ACPL-C87B BOARDCOM-ACPL-C87B Datasheet
1Mb / 16P
Precision Optically Isolated Voltage Sensor
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com