Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4052 Datasheet (PDF) - Analog Devices

AD4052 Datasheet PDF - Analog Devices
Part # AD4052
Download  AD4052 Download
File Size   2682.77 Kbytes
Page   66 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC

AD4052 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4052 Datasheet PDF - Analog Devices

Part # AD4052
Download  AD4052 Click to download

File Size   2682.77 Kbytes
Page   66 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC

AD4052 Datasheet (HTML) - Analog Devices


AD4052 Product details

FEATURES
► Small footprint, big performance
► INL: ±0.5 LSB maximum
► SNR: 86.1 dB with VREF = 3.3 V
► 1.35 nJ per conversion
► 1.35 mW/0.68 mW at 1 MSPS/500 kSPS in sample mode
► 370 μW/112 μW at 1 MSPS/300 kSPS in autonomous modes
► 4.1 μW standby power
► Versatile signal conditioning integration
► Easy Drive features enable small, low-power AFE designs
► Compatible with differential and single-ended signal chains
► Wide common-mode input range
► Minimizes digital host activity and power dissipation
► Autonomous sampling with window comparator and interrupt
generation
► Averaging filter with continuous and burst sampling options
► Power cycling synchronization for companion devices
► 4-wire SPI compatible with 1.8 V to 3.3 V logic
► 2.00 mm × 2.6 mm LFCSP and 1.67 mm × 1.97 mm WLCSP
► Wide operating temperature range: −40°C to +125°C

APPLICATIONS
► Battery-powered data acquisition
► Vital signs monitoring
► Biological and chemical analysis
► Geologic and seismic sensing
► Motion and robotics




Similar Part No. - AD4052

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD405-00 ETC2-AD405-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
Analog Devices
AD4050 AD-AD4050 Datasheet
2Mb / 65P
Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
Rev. 0
AD4050 AD-AD4050 Datasheet
2Mb / 67P
Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
Rev. A
AD4050BCBZ-RL7 AD-AD4050BCBZ-RL7 Datasheet
2Mb / 65P
Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
Rev. 0
AD4050BCBZ-RL7 AD-AD4050BCBZ-RL7 Datasheet
2Mb / 67P
Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
Rev. A
More results


Similar Description - AD4052

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4001 AD-AD4001 Datasheet
926Kb / 34P
16-Bit, 2 MSPS, Precision SAR, Differential ADC
Rev. 0
AD4022 AD-AD4022 Datasheet
1Mb / 39P
20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
11/2019-Rev. A to Rev. B
AD4695 AD-AD4695 Datasheet
1Mb / 96P
16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
12/2020-Revision 0
logo
Microchip Technology
MCP33131 MICROCHIP-MCP33131 Datasheet
2Mb / 54P
1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
10/25/17
MCP33131D MICROCHIP-MCP33131D Datasheet
3Mb / 59P
1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
MCP33151D-XX MICROCHIP-MCP33151D-XX Datasheet
3Mb / 66P
1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
logo
Analog Devices
AD4697 AD-AD4697 Datasheet
5Mb / 107P
16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
AD4630-16 AD-AD4630-16_V01 Datasheet
1Mb / 51P
16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com