Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM-6617 Datasheet (PDF) - Renesas Technology Corp

HM-6617 Datasheet PDF - Renesas Technology Corp
Part # HM-6617
Download  HM-6617 Download
File Size   304.63 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2K x 8 CMOS PROM

HM-6617 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM-6617 Datasheet PDF - Renesas Technology Corp

Part # HM-6617
Download  HM-6617 Click to download

File Size   304.63 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2K x 8 CMOS PROM

HM-6617 Datasheet (HTML) - Renesas Technology Corp


HM-6617 Product details

• This Circuit is Processed in Accordance to MIL-STD883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Low Power Standby and Operating Power
- ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100A
- ICCOP. . . . . . . . . . . . . . . . . . . . . . . . . . 20mA at 1MHz
• Fast Access Time . . . . . . . . . . . . . . . . . . . . . . . . . .120ns
• Industry Standard Pinout
• Single 5.0V Supply
• CMOS/TTL Compatible Inputs
• High Output Drive. . . . . . . . . . . . . . . . .12 LSTTL Loads
• Synchronous Operation
• On-Chip Address Latches
• Separate Output Enable
• Operating Temperature Range . . . . . .-55oC to +125oC




Similar Part No. - HM-6617

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
2K x 8 CMOS PROM
March 1997
HM-6617/883 INTERSIL-HM-6617/883 Datasheet
162Kb / 7P
2K x 8 CMOS PROM
June 2004
HM-6617883 INTERSIL-HM-6617883 Datasheet
91Kb / 7P
2K x 8 CMOS PROM
March 1997
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
2K x 8 CMOS PROM
June 2004
More results


Similar Description - HM-6617

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
2K x 8 CMOS PROM
March 1997
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
Radiation Hardened 2K x 8 CMOS PROM
1999 07
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
Radiation Hardened 2K x 8 CMOS PROM
1995 08
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
2K x 8 Reprogrammable PROM
October 8, 2002
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
2K x 8 Reprogrammable PROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
2K x 8 CMOS PROM
June 2004
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
Radiation Hardened 2K x 8 CMOS PROM
August 2000
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
2K x 8 Reprogrammable PROM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com