Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM-6642 Datasheet (PDF) - Renesas Technology Corp

HM-6642 Datasheet PDF - Renesas Technology Corp
Part # HM-6642
Download  HM-6642 Download
File Size   507.36 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 512 x 8 CMOS PROM

HM-6642 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM-6642 Datasheet PDF - Renesas Technology Corp

Part # HM-6642
Download  HM-6642 Click to download

File Size   507.36 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 512 x 8 CMOS PROM

HM-6642 Datasheet (HTML) - Renesas Technology Corp


HM-6642 Product details

Features
• This Circuit is Processed in Accordance to MIL-STD-883
and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Low Power Standby and Operating Power
- ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .100µA
- ICCOP . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA at 1MHz
• Fast Access Time. . . . . . . . . . . . . . . . . . . . . . . 120/200ns
• Wide Operating . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
• Temperature Range
• Industry Standard Pinout
• Single 5.0V Supply
• CMOS/TTL Compatible Inputs
• Field Programmable
• Synchronous Operation
• On-Chip Address Latches
• Separate Output Enable




Similar Part No. - HM-6642

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6642 INTERSIL-HM-6642 Datasheet
37Kb / 8P
512 x 8 CMOS PROM
March 1997
HM-6642/883 INTERSIL-HM-6642/883 Datasheet
365Kb / 9P
512 x 8 CMOS PROM
March 2004
HM-6642883 INTERSIL-HM-6642883 Datasheet
365Kb / 9P
512 x 8 CMOS PROM
March 2004
More results


Similar Description - HM-6642

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
2K x 8 CMOS PROM
March 1997
HM-6642 INTERSIL-HM-6642 Datasheet
37Kb / 8P
512 x 8 CMOS PROM
March 1997
logo
Cypress Semiconductor
CY7C225 CYPRESS-CY7C225 Datasheet
186Kb / 9P
512 x 8 Registered PROM
logo
Intersil Corporation
HM-6642883 INTERSIL-HM-6642883 Datasheet
365Kb / 9P
512 x 8 CMOS PROM
March 2004
logo
National Semiconductor ...
DM54S472 NSC-DM54S472 Datasheet
76Kb / 4P
(512 x 8) 4096-Bit TTL PROM
DM74S475 NSC-DM74S475 Datasheet
232Kb / 4P
512 x 8 4096-Bit TTL PROM
logo
Intel Corporation
M3604A INTEL-M3604A Datasheet
151Kb / 2P
4K(512 x 8) HIGH-SPEED PROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
2K x 8 CMOS PROM
June 2004
logo
Cypress Semiconductor
CY7C225A CYPRESS-CY7C225A_06 Datasheet
322Kb / 10P
512 x 8 Registered PROM
logo
National Semiconductor ...
DM74S473 NSC-DM74S473 Datasheet
104Kb / 6P
(512 x 8) 4096-Bit TTL PROM
November 1990
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com