Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACW4 Datasheet (PDF) - Sensata Technologies, Inc.

ACW4 Datasheet PDF - Sensata Technologies, Inc.
Part # ACW4
Download  ACW4 Download
File Size   274.62 Kbytes
Page   5 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description CANOPEN ABSOLUTE SINGLE TURN MODULAR SENSOR

ACW4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACW4 Datasheet PDF - Sensata Technologies, Inc.

Part # ACW4
Download  ACW4 Click to download

File Size   274.62 Kbytes
Page   5 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description CANOPEN ABSOLUTE SINGLE TURN MODULAR SENSOR

ACW4 Datasheet (HTML) - Sensata Technologies, Inc.


ACW4 Product details

Features
Applications
• With its two-part design, the ACW4 CANopen absolute single-turn
offers maximum flexibility for installation
• Rugged and excellent resistance to shock and vibration
• Robust, proven magnetic technology
• Environmentally resistant, IP 67 standard (IP69K option)
• Extended operating range from -30° C to 85° C
• Uses universal supply 5 to 30 VDC – CAN open output
• Available Resolution up to 12 bits per revolution
• Variety of magnet holders available
• Standard PVC cable with SUBD9 connector
• Factory Automation
• Process Automation




Similar Part No. - ACW4

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
ACW4 SENSATA-ACW4 Datasheet
295Kb / 5P
ANALOG ABSOLUTE SINGLE TURN MODULAR SENSOR
ACW4 SENSATA-ACW4 Datasheet
341Kb / 5P
PWM ABSOLUTE SINGLE TURN MODULAR SENSOR
Rev.02/28/19
ACW4 SENSATA-ACW4 Datasheet
332Kb / 5P
SSI ABSOLUTE SINGLE TURN MODULAR SENSOR
Rev. 04/08/2020
ACW4 SENSATA-ACW4 Datasheet
332Kb / 5P
IO-LINK ABSOLUTE SINGLE-TURN MODULAR SENSOR
Rev.12/02/19
ACW4-002LP100360L3R020 SENSATA-ACW4-002LP100360L3R020 Datasheet
341Kb / 5P
PWM ABSOLUTE SINGLE TURN MODULAR SENSOR
Rev.02/28/19
More results


Similar Description - ACW4

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT21 CUI-AMT21 Datasheet
842Kb / 10P
MODULAR ABSOLUTE ENCODER
AMT23 CUI-AMT23 Datasheet
754Kb / 8P
MODULAR ABSOLUTE ENCODER
AMT22 CUI-AMT22 Datasheet
727Kb / 9P
MODULAR ABSOLUTE ENCODER
AMT20 CUI-AMT20_V01 Datasheet
828Kb / 10P
MODULAR ABSOLUTE ENCODER
09/10/2021
AMT22 CUI-AMT22_V01 Datasheet
687Kb / 9P
MODULAR ABSOLUTE ENCODER
02/22/2022
AMT23 CUI-AMT23_V01 Datasheet
689Kb / 8P
MODULAR ABSOLUTE ENCODER
09/10/2021
AMT21 CUI-AMT21_V01 Datasheet
739Kb / 10P
MODULAR ABSOLUTE ENCODER
09/10/2021
logo
CUI Devices
AMT21 CUID-AMT21 Datasheet
765Kb / 10P
MODULAR ABSOLUTE ENCODER
08/05/2022
AMT22 CUID-AMT22 Datasheet
731Kb / 9P
MODULAR ABSOLUTE ENCODER
08/05/2022
AMT23 CUID-AMT23 Datasheet
723Kb / 8P
MODULAR ABSOLUTE ENCODER
08/05/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com