Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GVB352FCX Datasheet (PDF) - Sensata Technologies, Inc.

GVB352FCX Datasheet PDF - Sensata Technologies, Inc.
Part # GVB352FCX
Download  GVB352FCX Download
File Size   458.46 Kbytes
Page   5 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description GVB35 1000VDC BI-DIRECTIONAL CONTACTOR

GVB352FCX Datasheet (PDF)

Go To PDF Page Download Datasheet
GVB352FCX Datasheet PDF - Sensata Technologies, Inc.

Part # GVB352FCX
Download  GVB352FCX Click to download

File Size   458.46 Kbytes
Page   5 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description GVB35 1000VDC BI-DIRECTIONAL CONTACTOR

GVB352FCX Datasheet (HTML) - Sensata Technologies, Inc.


GVB352FCX Product details

Features
Applications
• Gas filled design offers lower resistance than non-hermetic switches
resulting in higher system efficiency and less heat generation. Meet IP67
level.
• Suppression gas allows high fault interrupt capability and prohibits
oxidation---Strong capability of cooling arc, rapidly breaking current.
• High Efficiency Dual DC Coils – Very low 12, 24, or 48 VDC continuous
coil power with no EMI emissions or cross-talk on your system control
power. Ideal for battery powered systems or where low power is needed.
• Built-in coil suppression for all DC coils – Saves you engineering time
and parts cost to add external coil suppression.
• Not position-sensitive – can be mounted in any position for ease of
installation.
• Certification: CE/CCC, UL 60947-4-1
• DC fast charging
• Energy storage systems
• Battery electric special mobility




Similar Part No. - GVB352FCX

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
GVB35 SENSATA-GVB35 Datasheet
432Kb / 5P
GVB35 1000VDC BI-DIRECTIONAL CONTACTOR
Rev:25-Oct-2023
More results


Similar Description - GVB352FCX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDCA-16-30 ETC-BDCA-16-30 Datasheet
108Kb / 1P
Bi-Directional Coupler
logo
SYNERGY MICROWAVE CORPO...
KAP-241 SYNERGY-KAP-241 Datasheet
40Kb / 2P
BI-DIRECTIONAL COUPLERS
logo
Murata Manufacturing Co...
LXES03AAA1-098 MURATA-LXES03AAA1-098 Datasheet
175Kb / 3P
Bi-directional
logo
SYNERGY MICROWAVE CORPO...
KDS-30-30 SYNERGY-KDS-30-30 Datasheet
351Kb / 3P
BI-DIRECTIONAL COUPLER
SC5100BD SYNERGY-SC5100BD Datasheet
373Kb / 3P
BI-DIRECTIONAL COUPLER
SCL-1D-BD SYNERGY-SCL-1D-BD Datasheet
330Kb / 3P
Bi-directional coupler
SCS100800-20 SYNERGY-SCS100800-20 Datasheet
465Kb / 4P
BI-DIRECTIONAL COUPLER
logo
Jinan Jingheng (Group) ...
ESD9D5C-2 JINANJINGHENG-ESD9D5C-2 Datasheet
148Kb / 2P
Bi-Directional TVS
logo
Green Power Solutions s...
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com