Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK30 Datasheet (PDF) - YAGEO Corporation

BK30 Datasheet PDF - YAGEO Corporation
Part # BK30
Download  BK30 Download
File Size   589.76 Kbytes
Page   10 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Positive Temperature Coefficient (PTC)

BK30 Datasheet (PDF)

Go To PDF Page Download Datasheet
BK30 Datasheet PDF - YAGEO Corporation

Part # BK30
Download  BK30 Click to download

File Size   589.76 Kbytes
Page   10 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Positive Temperature Coefficient (PTC)

BK30 Datasheet (HTML) - YAGEO Corporation


BK30 Product details

Description
The 30V series provides radial resettable overcurrent protection with holding current from 0.9A to 9.0A. This
series is suitable for applications with higher working voltage up to 30V.
Features
■ Radial leaded devices.
■ Over-current protection
■ High voltage surge capabilities
■ Flame retardant epoxy polymer insulating material meets UL94 V-0 requirement.
■ Available in lead-free version.
■ Meets MSL level 1, per J-STD-020
■ Operating Temperature: -40℃~+85℃
Applications
■ Powered USB for POS and IPC
■ USB hubs,ports and peripherals
■ General electronics
■ Computers & peripherals
■ Automotive applications
■ Motor protection




Similar Part No. - BK30

ManufacturerPart #DatasheetDescription
logo
Optronics International
BK31BB OPTRONICS-BK31BB Datasheet
127Kb / 1P
License Plate Brackets
logo
YAGEO Corporation
BK32001002 YAGEO-BK32001002 Datasheet
413Kb / 7P
Spark Gap (SPG)
Jul. 04, 2023 V.1
BK32001002-M YAGEO-BK32001002-M Datasheet
428Kb / 6P
Spark Gap (SPG)
Jul. 04, 2023 V.1
BK32001002-M YAGEO-BK32001002-M Datasheet
399Kb / 6P
SPARK GAP PROTECTORS
Jul. 04, 2023 V.1
BK32001102 YAGEO-BK32001102 Datasheet
413Kb / 7P
Spark Gap (SPG)
Jul. 04, 2023 V.1
More results


Similar Description - BK30

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Infineon Technologies A...
SIGC20T120LE INFINEON-SIGC20T120LE Datasheet
175Kb / 5P
positive temperature coefficient
Rev 2.1, 27.06.2014
SIGC32T120R3E INFINEON-SIGC32T120R3E Datasheet
180Kb / 5P
positive temperature coefficient
Rev 2.3, 27.06.2014
logo
SUNMATE electronic Co.,...
SM06 SUNMATE-SM06 Datasheet
404Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
SM600 SUNMATE-SM600 Datasheet
514Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
SMD0603P SUNMATE-SMD0603P Datasheet
1Mb / 5P
POSITIVE THERMAL COEFFICIENT(PTC)
SMD0805P SUNMATE-SMD0805P Datasheet
1Mb / 6P
POSITIVE THERMAL COEFFICIENT(PTC)
SMD1206P SUNMATE-SMD1206P Datasheet
1Mb / 6P
POSITIVE THERMAL COEFFICIENT(PTC)
SMD2018 SUNMATE-SMD2018 Datasheet
468Kb / 4P
POSITIVE THERMAL COEFFICIENT(PTC)
SMVR240 SUNMATE-SMVR240 Datasheet
635Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com