Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMI085 Datasheet (PDF) - Bosch Sensortec GmbH

BMI085 Datasheet PDF - Bosch Sensortec GmbH
Part # BMI085
Download  BMI085 Download
File Size   2202.64 Kbytes
Page   50 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description 6-axis Motion Tracking for High-performance Applications

BMI085 Datasheet (PDF)

Go To PDF Page Download Datasheet
BMI085 Datasheet PDF - Bosch Sensortec GmbH

Part # BMI085
Download  BMI085 Click to download

File Size   2202.64 Kbytes
Page   50 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description 6-axis Motion Tracking for High-performance Applications

BMI085 Datasheet (HTML) - Bosch Sensortec GmbH


BMI085 Product details

Basic Description
BMI085 is an inertial measurement unit (IMU) for the detection of movements and rotations in 6 degrees of freedom (6-DoF). It includes the functionality of two inertial sensors in one device: an advanced triaxial 16-bit gyroscope and a versatile, leading edge triaxial 16-bit accelerometer.
BMI085 is designed to meet all requirements for high performance consumer applications such as virtual, augmented and mixed reality applications and high-end gaming, platform stabilization applications such as image stabilization, or indoor navigation and dead-reckoning, for example in robotics applications. It also senses tilt, motion, inactivity and shock vibration in handhelds, computer peripherals, man-machine interfaces, virtual reality features and game controllers.
An evaluation circuitry (ASIC) converts the output of the micro-electro-mechanical sensing structures (MEMS), developed, produced and tested in BOSCH facilities. The corresponding chip-sets are packed into one single LGA 3.0mm x 4.5mm x 0.95mm housing. For optimum system integration, BMI085 is fitted with digital interfaces (SPI or I2C), offering a wide VDDIO voltage range from 1.2V to 3.6V. To provide maximum performance and reliability each device is tested and ready-to-use calibrated.
To increase flexibility, both gyroscope and accelerometer can be operated individually, but can also be tied together for data synchronization purposes. The on-chip features comprise FIFOs for acceleration and gyroscope data and interrupt controllers.
BMI085 has an excellent temperature behaviour with an outstanding low temperature coefficient of offset (TCO) and temperature coefficient of sensitivity (TCS).




Similar Part No. - BMI085

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMI085 BOSCH-BMI085 Datasheet
1Mb / 50P
6-axis Motion Tracking for High-performance Applications
More results


Similar Description - BMI085

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3901MB-TXQT PIXART-PMW3901MB-TXQT Datasheet
1Mb / 11P
Optical Motion Tracking Chip
logo
Bosch Sensortec GmbH
BMI085 BOSCH-BMI085 Datasheet
1Mb / 50P
6-axis Motion Tracking for High-performance Applications
BMI088 BOSCH-BMI088 Datasheet
1Mb / 50P
6-axis Motion Tracking for High-performance Applications
logo
TDK Electronics
DK-20602 TDK-DK-20602 Datasheet
375Kb / 1P
6-Axis Motion Sensor
DK-20648 TDK-DK-20648 Datasheet
393Kb / 1P
6-Axis Motion Sensor
IAM-20680 TDK-IAM-20680 Datasheet
795Kb / 52P
High Performance Automotive 6-Axis MotionTracking Device
logo
STMicroelectronics
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
AIS2IH STMICROELECTRONICS-AIS2IH Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
Rev 4
logo
Advantech Co., Ltd.
AMAX-3110 ADVANTECH-AMAX-3110 Datasheet
423Kb / 2P
Standalone 6-axis pulse train motion controller
14-May-2020
logo
TDK Electronics
IIM-42652 TDK-IIM-42652 Datasheet
2Mb / 111P
High-performance 6-Axis SmartIndustrial™ MotionTracking MEMS Device for Industrial Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com