Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMI088 Datasheet (PDF) - Bosch Sensortec GmbH

BMI088 Datasheet PDF - Bosch Sensortec GmbH
Part # BMI088
Download  BMI088 Download
File Size   2264.29 Kbytes
Page   62 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description 6-axis Motion Tracking for High-performance Applications

BMI088 Datasheet (PDF)

Go To PDF Page Download Datasheet
BMI088 Datasheet PDF - Bosch Sensortec GmbH

Part # BMI088
Download  BMI088 Click to download

File Size   2264.29 Kbytes
Page   62 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description 6-axis Motion Tracking for High-performance Applications

BMI088 Datasheet (HTML) - Bosch Sensortec GmbH


BMI088 Product details

Basic Description
BMI088 is an inertial measurement unit (IMU) for the detection of movements and rotations in 6 degrees of freedom (6DoF). It combines the functionality of two inertial sensors in one device: an advanced triaxial 16-bit gyroscope and a versatile, leading-edge triaxial 16-bit accelerometer.
BMI088 is designed to meet all requirements for high performance consumer applications in harsh vibration environments such as those encountered in drones and robotics applications. The IMU is designed to effectively suppress vibrations above a few hundred Hz that could occasionally occur due to resonances on the pcb or the structure of the total system.
The sensor has an extended measurement range of up to ±24g to avoid signal clipping under strong signal exposure.
An evaluation circuitry (ASIC) converts the output of the micro-electro-mechanical sensing structures (MEMS), which are developed, produced and tested in BOSCH facilities. The corresponding chip-sets are packed into one single LGA 3.0mm x 4.5mm x 0.95mm housing. For optimum system integration, BMI088 is fitted with digital interfaces (SPI or I2C), offering a wide VDDIO voltage range from 1.2V to 3.6V. To provide maximum performance and reliability, each device is tested and is ready-to-use calibrated.
To increase flexibility, both gyroscope and accelerometer can not only be operated individually, but tied together for data synchronization purposes. The on-chip features comprise FIFOs for acceleration and gyroscope data and interrupt controllers.
The BMI088 has an excellent temperature behavior with an outstanding low temperature coefficient of the offset (TCO) and temperature coefficient of the sensitivity (TCS).




Similar Part No. - BMI088

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMI088 BOSCH-BMI088 Datasheet
1Mb / 50P
6-axis Motion Tracking for High-performance Applications
More results


Similar Description - BMI088

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3901MB-TXQT PIXART-PMW3901MB-TXQT Datasheet
1Mb / 11P
Optical Motion Tracking Chip
logo
Bosch Sensortec GmbH
BMI085 BOSCH-BMI085 Datasheet
1Mb / 50P
6-axis Motion Tracking for High-performance Applications
BMI088 BOSCH-BMI088 Datasheet
1Mb / 50P
6-axis Motion Tracking for High-performance Applications
logo
TDK Electronics
DK-20602 TDK-DK-20602 Datasheet
375Kb / 1P
6-Axis Motion Sensor
DK-20648 TDK-DK-20648 Datasheet
393Kb / 1P
6-Axis Motion Sensor
IAM-20680 TDK-IAM-20680 Datasheet
795Kb / 52P
High Performance Automotive 6-Axis MotionTracking Device
logo
STMicroelectronics
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
AIS2IH STMICROELECTRONICS-AIS2IH Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
Rev 4
logo
Advantech Co., Ltd.
AMAX-3110 ADVANTECH-AMAX-3110 Datasheet
423Kb / 2P
Standalone 6-axis pulse train motion controller
14-May-2020
logo
TDK Electronics
IIM-42652 TDK-IIM-42652 Datasheet
2Mb / 111P
High-performance 6-Axis SmartIndustrial™ MotionTracking MEMS Device for Industrial Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com