Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMI270 Datasheet (PDF) - Bosch Sensortec GmbH

BMI270 Datasheet PDF - Bosch Sensortec GmbH
Part # BMI270_V01
Download  BMI270 Download
File Size   8270.76 Kbytes
Page   150 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description 6-axis, smart, low power Inertial Measurement Unit for high-performance applications

BMI270 Datasheet (PDF)

Go To PDF Page Download Datasheet
BMI270 Datasheet PDF - Bosch Sensortec GmbH

Part # BMI270_V01
Download  BMI270 Click to download

File Size   8270.76 Kbytes
Page   150 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description 6-axis, smart, low power Inertial Measurement Unit for high-performance applications

BMI270 Datasheet (HTML) - Bosch Sensortec GmbH


BMI270 Product details

Basic Description
The device is a highly integrated, low power inertial measurement unit (IMU) that combines precise acceleration and angular rate (gyroscopic) measurement with intelligent on-chip motion-triggered interrupt features.
The device integrates
 16 bit digital, triaxial accelerometer with ±2g/±4g/±8g/±16g range
 16 bit digital, triaxial gyroscope with ±125dps/±250dps/±500dps/±1000dps/±2000dps range
in a compact standard size LGA mold package, 14 pins, footprint 2.5x3.0mm², height 0.83mm
Key features
 Output data rates (ODR): 25 Hz … 6.4 kHz (gyroscope) and 0.78 Hz … 1.6 kHz (accelerometer)
 Programmable low-pass filter (accelerometer ∣ gyroscope): bandwidth 5.5 ∣ 11 … 740 ∣ 751 Hz
 Wide power supply range: Analog VDD 1.71V … 3.6V and independent VDDIO 1.2V…3.6V
 Low current consumption: typ. 685 μA (in full ODR and aliasing free operation)
 Performance mode for gyroscope to minimize noise level: typ. < 7 mdps Hz.
 Built-in power management unit (PMU) for advanced power management and low power modes
 Rapid startup time: 2 ms for gyroscope (in fast start mode) and 2 ms for accelerometer
 Freely configurable secondary digital interface
 I²C (Fm+) master interface hub for 1 I2C AUX sensor (e.g. ext. magnetometer, pressure)
o data synchronized to IMU
 10 MHz slave SPI (4-wire, 3-wire) for high speed, calibration free OIS / Dual OIS (SPI) applications
o Up to 6.4 kHz ODR, control register access and down to 680 μs group delay
o Connectible latency optimized low pass-filters with programmable cut-off frequencies
 2 KB on-chip FIFO buffer for accelerometer, gyroscope, timestamps, and AUX sensor data
 Fast offset error compensation for accelerometer and gyroscope
 Fast sensitivity error compensation for gyroscope (CRT, reducing the error down to typ. 0.4 %)
 HW synchronization of accelerometer, gyroscope, and AUX sensor (< 1 μs)
 Sensortime stamps for accurate system (host) and sensor (IMU) time synchronization (<40 μs)
 2 independent programmable I/O pins for interrupt and synchronization events
 RoHS compliant, halogen and lead free
 BMI270 Features:
Significant motion/Any motion/Motion detect/No motion/Stationary detect/Wrist wear wakeup/Wrist worn step counter and detector/Activity change recognition/Push arm down/Pivot up/Wrist jiggle/Flick in /out
Typical Applications
 Wearables
 Hearables
 Smart clothing
 Augmented / virtual reality (AR/VR)
 Activity & Context Recognition




Similar Part No. - BMI270_V01

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMI270 BOSCH-BMI270 Datasheet
198Kb / 2P
Smart ultra-low power Inertial Measurement Unit (IMU)
More results


Similar Description - BMI270_V01

ManufacturerPart #DatasheetDescription
logo
Epson Company
M-G352 EPSON-M-G352 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G362 EPSON-M-G362 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G550-PR EPSON-M-G550-PR Datasheet
208Kb / 2P
IMU (Inertial Measurement Unit)
M-V340 EPSON-M-V340 Datasheet
235Kb / 3P
IMU (Inertial Measurement Unit)
logo
Bosch Sensortec GmbH
BMI160 BOSCH-BMI160 Datasheet
2Mb / 112P
Small, low power inertial measurement unit
BMI260 BOSCH-BMI260 Datasheet
217Kb / 2P
Accurate, low-power Inertial Measurement Unit (IMU)
BMI261 BOSCH-BMI261 Datasheet
291Kb / 2P
Smart Inertial Measurement Unit (IMU) for Android??OS
BMI263 BOSCH-BMI263 Datasheet
255Kb / 2P
Smart, MIPI I3CSM I/F Inertial Measurement Unit (IMU)
BMI270 BOSCH-BMI270 Datasheet
198Kb / 2P
Smart ultra-low power Inertial Measurement Unit (IMU)
logo
Pepperl+Fuchs Inc.
IMU360D-F99-B20-V15 PF-IMU360D-F99-B20-V15 Datasheet
1Mb / 6P
Inertial measurement unit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com