Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet (PDF) - Bosch Sensortec GmbH

BMM150 Datasheet PDF - Bosch Sensortec GmbH
Part # BMM150_V01
Download  BMM150 Download
File Size   8168.82 Kbytes
Page   56 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Geomagnetic Sensor

BMM150 Datasheet (PDF)

Go To PDF Page Download Datasheet
BMM150 Datasheet PDF - Bosch Sensortec GmbH

Part # BMM150_V01
Download  BMM150 Click to download

File Size   8168.82 Kbytes
Page   56 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Geomagnetic Sensor

BMM150 Datasheet (HTML) - Bosch Sensortec GmbH


BMM150 Product details

Key features
Three-axis magnetic field sensor
• Ultra-Small package Wafer Level Chip Scale Package (12 pins, 0.4mm diagonal ball pitch) footprint 1.56 x 1.56 mm2, height 0.6 mm
• Digital interface SPI (4-wire, 3-wire), I²C, 4, 2 interrupt pins
• Low voltage operation VDD supply voltage range: 1.62V to 3.6V VDDIO interface voltage range: 1.2V to 3.6V
• Flexible functionality Magnetic field range typical: ±1300μT (x, y-axis), ±2500μT (z-axis)
Magnetic field resolution of ~0.3μT
• On-chip interrupt controller Interrupt-signal generation for - new data - magnetic Low-/High-Threshold detection
• Ultra-low power Low current consumption (170μA @ 10 Hz in low power preset), short wake-up time, advanced features for system power management
• Temperature range -40 °C … +85 °C
• RoHS compliant, halogen-free
Typical applications
• Magnetic heading information
• Tilt-compensated electronic compass for map rotation, navigation and augmented reality
• Gyroscope calibration in 9-DoF applications for mobile devices
• In-door navigation, e.g. step counting in combination accelerometer
• Gaming
General Description
The BMM150 is a standalone geomagnetic sensor for consumer market applications. It allows measurements of the magnetic field in three perpendicular axes. Based on Bosch’s proprietary FlipCore technology, performance and features of BMM150 are carefully tuned and perfectly match the demanding requirements of all 3-axis mobile applications such as electronic compass, navigation or augmented reality.
An evaluation circuitry (ASIC) converts the output of the geomagnetic sensor to digital results which can be read out over the industry standard digital interfaces (SPI and I2C).
Package and interfaces of the BMM150 have been designed to match a multitude of hardware requirements. As the sensor features an ultra-small footprint and a flat package, it is ingeniously suited for mobile applications. The wafer level chip scale package (WLCSP) with dimensions of only 1.56 x 1.56 x 0.6 mm3 ensures high flexibility in PCB placement.
The BMM150 offers ultra-low voltage operation (VDD voltage range from 1.62V to 3.6V, VDDIO voltage range 1.2V to 3.6V) and can be programmed to optimize functionality, performance and power consumption in customer specific applications. The programmable interrupt engine gives design flexibility to the developer.
The BMM150 senses the three axis of the terrestrial field in cell phones, handhelds, computer peripherals, man-machine interfaces, virtual reality features and game controllers.




Similar Part No. - BMM150_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMM150 ETC2-BMM150 Datasheet
1Mb / 56P
Geomagnetic Sensor
logo
Bosch Sensortec GmbH
BMM150 BOSCH-BMM150 Datasheet
1Mb / 56P
Geomagnetic Sensor
More results


Similar Description - BMM150_V01

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HSCD ALPS-HSCD Datasheet
69Kb / 1P
Geomagnetic Sensor
logo
List of Unclassifed Man...
BMM150 ETC2-BMM150 Datasheet
1Mb / 56P
Geomagnetic Sensor
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
sensor
logo
Murata Manufacturing Co...
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
Sensor
IML-0650 MURATA-IML-0650_17 Datasheet
181Kb / 2P
Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSCDTD008A ALPS-HSCDTD008A Datasheet
762Kb / 32P
Geomagnetic Sensor
logo
Bosch Sensortec GmbH
BMM150 BOSCH-BMM150 Datasheet
1Mb / 56P
Geomagnetic Sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com