Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BNO055 Datasheet (PDF) - Bosch Sensortec GmbH

BNO055 Datasheet PDF - Bosch Sensortec GmbH
Part # BNO055_V01
Download  BNO055 Download
File Size   4749.23 Kbytes
Page   117 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Intelligent 9-axis absolute orientation sensor

BNO055 Datasheet (PDF)

Go To PDF Page Download Datasheet
BNO055 Datasheet PDF - Bosch Sensortec GmbH

Part # BNO055_V01
Download  BNO055 Click to download

File Size   4749.23 Kbytes
Page   117 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Intelligent 9-axis absolute orientation sensor

BNO055 Datasheet (HTML) - Bosch Sensortec GmbH


BNO055 Product details

Key features:
• Outputs fused sensor data Quaternion, Euler angles, Rotation vector,
Linear acceleration, Gravity, Heading
• 3 sensors in one device an advanced triaxial 16bit gyroscope, a versatile,
leading edge triaxial 14bit accelerometer and a
full performance geomagnetic sensor
• Small package LGA package 28 pins
Footprint 3.8 x 5.2 mm², height 1.13 mm²
• Power Management Intelligent Power Management: normal,
low power and suspend mode available
• Common voltage supplies VDD voltage range: 2.4V to 3.6V
• Digital interface HID-I2C (Windows 8 compatible), I²C, UART
VDDIO voltage range: 1.7V to 3.6V
• Consumer electronics suite MSL1, RoHS compliant, halogen-free
Operating temperature: -40°C ... +85°C




Similar Part No. - BNO055_V01

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BNO055 BOSCH-BNO055 Datasheet
2Mb / 106P
Intelligent 9-axis absolute orientation sensor
More results


Similar Description - BNO055_V01

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC Datasheet
803Kb / 34P
3-Axis Orientation/Motion Detection Sensor
MMA7660FC FREESCALE-MMA7660FC_12 Datasheet
599Kb / 35P
3-Axis Orientation/Motion Detection Sensor
logo
List of Unclassifed Man...
BMX055 ETC2-BMX055 Datasheet
3Mb / 172P
Small, versatile 9-axis sensor module
MC6470 ETC2-MC6470 Datasheet
2Mb / 64P
9-Axis Sensor
MC7010 ETC2-MC7010 Datasheet
2Mb / 89P
Virtual 9-Axis Sensor
logo
Bosch Sensortec GmbH
BMF055 BOSCH-BMF055 Datasheet
3Mb / 22P
Custom programmable 9-axis motion sensor
BMX055 BOSCH-BMX055 Datasheet
3Mb / 172P
Small, versatile 9-axis sensor module
BNO055 BOSCH-BNO055 Datasheet
2Mb / 106P
Intelligent 9-axis absolute orientation sensor
logo
TDK Electronics
DK-20948 TDK-DK-20948 Datasheet
360Kb / 1P
9-Axis Motion Sensor
logo
NXP Semiconductors
MMA7660FC NXP-MMA7660FC Datasheet
705Kb / 35P
3-Axis Orientation/Motion Detection Sensor
Rev 8, 03/2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com