Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT16240 Datasheet (PDF) - Texas Instruments

74ACT16240 Datasheet PDF - Texas Instruments
Part # 74ACT16240
Download  74ACT16240 Download
File Size   259.41 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS

74ACT16240 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT16240 Datasheet PDF - Texas Instruments

Part # 74ACT16240
Download  74ACT16240 Click to download

File Size   259.41 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS

74ACT16240 Datasheet (HTML) - Texas Instruments


74ACT16240 Product details

Members of the Texas Instruments
WidebusE Family
Inputs Are TTL-Voltage Compatible
3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
Flow-Through Architecture Optimizes
PCB Layout
Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
EPIC E (Enhanced-Performance Implanted
CMOS) 1-mm Process
500-mA Typical Latch-Up Immunity at
125°C
Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Packages Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Spacings

description
The SN54ACT16240 and 74ACT16240 are 16-bit
buffers or line drivers designed specifically to
improve both the performance and density of
3-state memory address drivers, clock drivers,
and bus-oriented receivers and transmitters. The
devices can be used as four 4-bit buffers, two 8-bit
buffers, or one 16-bit buffer. These devices
provide inverting outputs and symmetrical
active-low output-enable (OE) inputs.
The 74ACT16240 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit-board area.
The SN54ACT16240 is characterized for operation over the full military temperature range of –55°C to 125°C.
The 74ACT16240 is characterized for operation from –40°C to 85°C.




Similar Part No. - 74ACT16240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16240 TI-74ACT16240 Datasheet
107Kb / 6P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
83Kb / 6P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
74ACT16240 TI1-74ACT16240 Datasheet
514Kb / 12P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ACT16240DL TI-74ACT16240DL Datasheet
107Kb / 6P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - 74ACT16240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16540 TI-SN54AHC16540 Datasheet
116Kb / 7P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16541 TI-SN54AHC16541 Datasheet
116Kb / 7P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541 Datasheet
97Kb / 6P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT16240A TI-SN54ABT16240A_07 Datasheet
364Kb / 15P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541_07 Datasheet
332Kb / 12P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16244 RENESAS-HD74ALVCH16244_15 Datasheet
151Kb / 11P
16-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16540 TI1-SN54ABT16540_09 Datasheet
306Kb / 9P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244 TI1-SN54ABTH16244_14 Datasheet
537Kb / 14P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com