Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT16623 Datasheet (PDF) - Texas Instruments

74ACT16623 Datasheet PDF - Texas Instruments
Part # 74ACT16623
Download  74ACT16623 Download
File Size   221.81 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

74ACT16623 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT16623 Datasheet PDF - Texas Instruments

Part # 74ACT16623
Download  74ACT16623 Click to download

File Size   221.81 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

74ACT16623 Datasheet (HTML) - Texas Instruments


74ACT16623 Product details

Members of the Texas Instruments
WidebusE Family
Inputs are TTL-Voltage Compatible
Flow-Through Architecture Optimizes
PCB Layout
Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
EPICE (Enhanced-Performance Implanted
CMOS) 1-mm Process
Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Packages Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Pin Spacings

description
The ’ACT16623 are 16-bit transceivers designed
for asynchronous two-way communication between
data buses. The control-function implementation
allows for maximum flexibility in timing.
These devices can be used as two 8-bit
transceivers or one 16-bit transceiver. They allow
data transmission from the A bus to the B bus or
from the B bus to the A bus, depending on the logic
level at the output-enable (OEBA and OEAB)
inputs. The output-enable inputs can be used to
disable the device so that the buses are effectively
isolated.
The dual-enable configuration gives the bus transceiver the capability to store data by simultaneously enabling
OEBA and OEAB. Each output reinforces its input in this transceiver configuration. When both control inputs
are enabled and all other data sources to the two sets of bus lines are at high impedance, the bus lines remain
at their last states.
The 74ACT16623 is packaged in TI’s shrink small-outline package, which provides twice the functionality of
standard small-outline packages in the same printed-circuit-board area.
The 54ACT16623 is characterized for operation over the full military temperature range of –55°C to 125°C. The
74ACT16623 is characterized for operation from –40°C to 85°C.




Similar Part No. - 74ACT16623

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16623 TI-74ACT16623 Datasheet
130Kb / 7P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16623 TI-74ACT16623 Datasheet
302Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16623DL TI-74ACT16623DL Datasheet
130Kb / 7P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16623DLG4 TI-74ACT16623DLG4 Datasheet
302Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16623DLR TI-74ACT16623DLR Datasheet
130Kb / 7P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - 74ACT16623

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH16245 TI-SN54ABTH16245 Datasheet
203Kb / 12P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
16-bit Bus Transceivers with 3-state Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com