Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT16541DL Datasheet (PDF) - Texas Instruments

74ACT16541DL Datasheet PDF - Texas Instruments
Part # 74ACT16541DL
Download  74ACT16541DL Download
File Size   256.76 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS

74ACT16541DL Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT16541DL Datasheet PDF - Texas Instruments

Part # 74ACT16541DL
Download  74ACT16541DL Click to download

File Size   256.76 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS

74ACT16541DL Datasheet (HTML) - Texas Instruments


74ACT16541DL Product details

Members of the Texas Instruments
WidebusE Family
Inputs Are TTL-Voltage Compatible
Flow-Through Architecture Optimizes
PCB Layout
Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
EPICE (Enhanced-Performance Implanted
CMOS) 1-mm Process
500-mA Typical Latch-Up Immunity at
125°C
Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Packages Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Pin Spacings

description
The ’ACT16541 are noninverting 16-bit buffers
composed of two 8-bit sections with separate
output-enable signals. For either 8-bit buffer
section, the two output-enable (1OE1 and 1OE2
or 2OE1 and 2OE2) inputs must both be low for
the corresponding Y outputs to be active. If either
output-enable input is high, the outputs of that
8-bit buffer section are in the high-impedance
state.
The 74ACT16541 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit-board area.
The 54ACT16541 is characterized for operation over the full military temperature range of –55°C to 125°C. The
74ACT16541 is characterized for operation from –40°C to 85°C.




Similar Part No. - 74ACT16541DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16541DL TI-74ACT16541DL Datasheet
105Kb / 6P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS
REVISED APRIL 1996
74ACT16541DL TI-74ACT16541DL Datasheet
141Kb / 8P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS
74ACT16541DL TI-74ACT16541DL Datasheet
292Kb / 10P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS
74ACT16541DLG4 TI-74ACT16541DLG4 Datasheet
141Kb / 8P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS
74ACT16541DLG4 TI-74ACT16541DLG4 Datasheet
292Kb / 10P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS
More results


Similar Description - 74ACT16541DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT16541 TI-54ACT16541 Datasheet
105Kb / 6P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS
REVISED APRIL 1996
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16540 TI-SN54AHC16540 Datasheet
116Kb / 7P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16541 TI-SN54AHC16541 Datasheet
116Kb / 7P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541 Datasheet
97Kb / 6P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
54ACT16541 TI-54ACT16541_06 Datasheet
141Kb / 8P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS
54ACT16541 TI-54ACT16541_07 Datasheet
292Kb / 10P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS
SN54AHCT16541 TI-SN54AHCT16541_07 Datasheet
332Kb / 12P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16244 RENESAS-HD74ALVCH16244_15 Datasheet
151Kb / 11P
16-bit Buffers / Drivers with 3-state Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com