Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT16823 Datasheet (PDF) - Texas Instruments

74ACT16823 Datasheet PDF - Texas Instruments
Part # 74ACT16823
Download  74ACT16823 Download
File Size   283.96 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS

74ACT16823 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT16823 Datasheet PDF - Texas Instruments

Part # 74ACT16823
Download  74ACT16823 Click to download

File Size   283.96 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS

74ACT16823 Datasheet (HTML) - Texas Instruments


74ACT16823 Product details

EPICE (Enhanced-Performance Implanted
CMOS) 1-mm Process
Members of the Texas Instruments
WidebusE Family
Inputs Are TTL-Voltage Compatible
Provide Extra Data Width Necessary for
Wider Address/Data Paths or Buses With
Parity
Flow-Through Architecture Optimizes PCB
Layout
Distributed VCC and GND-Pin Configuration
Minimizes High-Speed Switching Noise
Package Options Include Plastic Shrink
Small-Outline (DL) Packages Using 25-mil
Center-to-Center Pin Spacings and 380-mil
Fine-Pitch Ceramic Flat (WD) Packages
Using 25-mil Center-to-Center Pin Spacings

description
These 18-bit flip-flops feature 3-state outputs
designed specifically for driving highly-capacitive
or relatively low-impedance loads. They are
particularly suitable for implementing wider buffer
registers, I/O ports, parity bus interfacing, and
working registers.
The ’ACT16823 devices can be used as two 9-bit
flip-flops or one 18-bit flip-flop. With the
clock-enable (CLKEN) input low, the D-type
flip-flops enter data on the low-to-high transitions
of the clock. Taking CLKEN high disables the
clock buffer, thus latching the outputs. Taking the
clear (CLR) input low causes the Q outputs to go
low independently of the clock.
A buffered output-enable (OE) input can be used to place the outputs in either a normal logic state (high or low
logic levels) or the high-impedance state. In the high-impedance state, the outputs neither load nor drive the
bus lines significantly.
OE does not affect the internal operation of the flip-flops. Old data can be retained or new data can be entered
while the outputs are in the high-impedance state.
The 54ACT16823 is characterized for operation over the full military temperature range of –55°C to 125°C. The
74ACT16823 is characterized for operation from –40°C to 85°C




Similar Part No. - 74ACT16823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16823 TI-74ACT16823 Datasheet
127Kb / 8P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16823 TI-74ACT16823 Datasheet
164Kb / 10P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16823 TI-74ACT16823 Datasheet
344Kb / 12P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16823DL TI-74ACT16823DL Datasheet
164Kb / 10P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16823DLG4 TI-74ACT16823DLG4 Datasheet
164Kb / 10P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Similar Description - 74ACT16823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162823A TI-SN54ABT162823A Datasheet
135Kb / 8P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823 Datasheet
133Kb / 9P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823 Datasheet
127Kb / 8P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823_06 Datasheet
164Kb / 10P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_06 Datasheet
235Kb / 14P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_07 Datasheet
388Kb / 17P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823_08 Datasheet
344Kb / 12P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823A TI1-SN54ABT162823A_15 Datasheet
506Kb / 13P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823 TI1-SN54ABT162823_08 Datasheet
168Kb / 9P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABTH16823 TI1-SN54ABTH16823_14 Datasheet
517Kb / 14P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com