Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT16825 Datasheet (PDF) - Texas Instruments

74ACT16825 Datasheet PDF - Texas Instruments
Part # 74ACT16825
Download  74ACT16825 Download
File Size   258.32 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS

74ACT16825 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT16825 Datasheet PDF - Texas Instruments

Part # 74ACT16825
Download  74ACT16825 Click to download

File Size   258.32 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS

74ACT16825 Datasheet (HTML) - Texas Instruments


74ACT16825 Product details

Members of the Texas Instruments
WidebusE Family
Inputs Are TTL-Voltage Compatible
Provide Extra Data Width Necessary for
Wider Address/Data Paths or Buses With
Parity
Flow-Through Architecture Optimizes
PCB Layout
Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
EPICE (Enhanced-Performance Implanted
CMOS) 1-mm Process
Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Packages Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Spacings

description
The ’ACT16825 18-bit buffers/drivers are
designed specifically to improve both the
performance and density of 3-state memory
address drivers, clock drivers, and bus-oriented
receivers and transmitters.
The ’ACT16825 can be used as two 9-bit buffers
or one 18-bit buffer. They provide true data from
A to Y.
The 3-state control gate is a 2-input NOR gate;
therefore, if either output-enable (OE1 or OE2)
input is high, all nine affected outputs are in the
high-impedance state.
The 74ACT16825 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit-board area.
The 54ACT16825 is characterized for operation over the full military temperature range of –55°C to 125°C. The
74ACT16825 is characterized for operation from –40°C to 85°C.




Similar Part No. - 74ACT16825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16825 TI-74ACT16825 Datasheet
106Kb / 6P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT16825 TI-74ACT16825 Datasheet
154Kb / 8P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ACT16825DL TI-74ACT16825DL Datasheet
106Kb / 6P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT16825DL TI-74ACT16825DL Datasheet
154Kb / 8P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ACT16825DLG4 TI-74ACT16825DLG4 Datasheet
154Kb / 8P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - 74ACT16825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT16825 TI-54ACT16825 Datasheet
106Kb / 6P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT162825 TI-SN54ABT162825 Datasheet
117Kb / 7P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162825 HITACHI-HD74ALVCH162825 Datasheet
55Kb / 9P
18-bit Buffers / Drivers with 3-state Outputs
HD74ALVCH16825 HITACHI-HD74ALVCH16825 Datasheet
47Kb / 9P
18-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT16825 TI-SN54ABT16825 Datasheet
133Kb / 8P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT16825 TI-SN54ABT16825_07 Datasheet
192Kb / 10P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
54ACT16825 TI-54ACT16825_07 Datasheet
154Kb / 8P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541_07 Datasheet
332Kb / 12P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
54ACT16825 TI-54ACT16825_08 Datasheet
323Kb / 10P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com