Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT16863 Datasheet (PDF) - Texas Instruments

74ACT16863 Datasheet PDF - Texas Instruments
Part # 74ACT16863
Download  74ACT16863 Download
File Size   192.82 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

74ACT16863 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT16863 Datasheet PDF - Texas Instruments

Part # 74ACT16863
Download  74ACT16863 Click to download

File Size   192.82 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

74ACT16863 Datasheet (HTML) - Texas Instruments


74ACT16863 Product details

Members of the Texas Instruments
WidebusE Family
Inputs Are TTL-Voltage Compatible
3-State Outputs Drive Bus Lines Directly
Flow-Through Architecture Optimizes
PCB Layout
Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
EPICE (Enhanced-Performance Implanted
CMOS) 1-mm Process
500-mA Typical Latch-Up Immunity at
125°C
Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Packages Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Pin Spacings

description
The ’ACT16863 are 18-bit noninverting
transceivers designed for asynchronous
communication between data buses. The
control-function implementation minimizes
external timing requirements.
The ’ACT16863 can be used as two 9-bit
transceivers or one 18-bit transceiver. They allow
data transmission from the A bus to the B bus or
from the B bus to the A bus, depending on the logic
level at the output-enable (OEAB or OEBA)
inputs.
The 74ACT16863 is packaged in TI’s shrink small-outline package (DL), which provides twice the I/O pin count
and functionality of standard small-outline packages in the same printed-circuit-board area.
The 54ACT16863 is characterized for operation over the full military temperature range of –55°C to 125°C. The
74ACT16863 is characterized for operation from –40°C to 85°C.




Similar Part No. - 74ACT16863

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16863 TI-74ACT16863 Datasheet
302Kb / 9P
18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16863DL TI-74ACT16863DL Datasheet
302Kb / 9P
18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16863DLG4 TI-74ACT16863DLG4 Datasheet
302Kb / 9P
18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16863DLR TI-74ACT16863DLR Datasheet
302Kb / 9P
18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16863DLRG4 TI-74ACT16863DLRG4 Datasheet
302Kb / 9P
18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - 74ACT16863

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162501 TI-SN54ABT162501 Datasheet
135Kb / 9P
18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162601 TI-SN54ABT162601 Datasheet
124Kb / 8P
18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16501 TI-SN54ABT16501 Datasheet
148Kb / 9P
18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16863 TI-SN54ABT16863 Datasheet
121Kb / 7P
18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863_08 Datasheet
302Kb / 9P
18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162501 RENESAS-HD74ALVCH162501 Datasheet
3Mb / 13P
18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
74ACT16474 TI1-74ACT16474 Datasheet
142Kb / 7P
18-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16864 TI1-74ACT16864 Datasheet
125Kb / 6P
18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16863 TI1-SN54ABT16863_08 Datasheet
310Kb / 9P
18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com