Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS901 Datasheet (PDF) - Texas Instruments

ADS901 Datasheet PDF - Texas Instruments
Part # ADS901
Download  ADS901 Download
File Size   320.5 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER

ADS901 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS901 Datasheet PDF - Texas Instruments

Part # ADS901
Download  ADS901 Click to download

File Size   320.5 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER

ADS901 Datasheet (HTML) - Texas Instruments


ADS901 Product details

FEATURES
LOW POWER: 48mW at +3V
SUPPLY RANGE: +2.7V to +3.7V
ADJUSTABLE FULL SCALE RANGE WITH
EXTERNAL REFERENCES
NO MISSING CODES
WIDEBAND TRACK/HOLD: 350MHz
POWER DOWN: 15mW
SSOP-28 PACKAGE

APPLICATIONS
BATTERY POWERED EQUIPMENT
CAMCORDERS
DIGITAL CAMERAS
COMPUTER SCANNERS
COMMUNICATIONS

DESCRIPTION
The ADS901 is a high-speed pipelined analog-to-digital
converter that operates from a +3V power supply. This
complete converter includes a wide bandwidth track/hold
and a 10-bit quantizer. The full scale input range is set by
external references.
The ADS901 employs digital error correction techniques to
provide excellent differential linearity for demanding imaging
applications. Its low distortion and high SNR give the
extra margin needed for telecommunications, video and test
instrumentation applications. The ADS901 is available in an
SSOP-28 package.




Similar Part No. - ADS901

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS901 TI-ADS901 Datasheet
242Kb / 13P
ANALOG-TO-DIGITAL CONVERTER
ADS901 TI1-ADS901 Datasheet
254Kb / 14P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS901E BURR-BROWN-ADS901E Datasheet
174Kb / 11P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS901E TI1-ADS901E Datasheet
254Kb / 14P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS901

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS901 TI1-ADS901_14 Datasheet
254Kb / 14P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
10-Bit Analog-to-Digital Converter
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
3V Dual Analog-to-Digital Converter
Rev. C
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com