Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS930E Datasheet (PDF) - Texas Instruments

ADS930E Datasheet PDF - Texas Instruments
Part # ADS930E
Download  ADS930E Download
File Size   315.48 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER

ADS930E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS930E Datasheet PDF - Texas Instruments

Part # ADS930E
Download  ADS930E Click to download

File Size   315.48 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER

ADS930E Datasheet (HTML) - Texas Instruments


ADS930E Product details

FEATURES
+3V TO +5V SUPPLY OPERATION
INTERNAL REFERENCE
SINGLE-ENDED INPUT RANGE: 1V to 2V
LOW POWER: 66mW at +3V
HIGH SNR: 46dB
LOW DNL: 0.4LSB
SSOP-28 PACKAGE

APPLICATIONS
BATTERY POWERED EQUIPMENT
CAMCORDERS
PORTABLE TEST EQUIPMENT
COMPUTER SCANNERS
COMMUNICATIONS

DESCRIPTION
The ADS930 is a high speed pipelined Analog-to-Digital
Converter (ADC) specified to operate from nominal +3V or
+5V power supplies with tolerances of up to 10%. This
complete converter includes a high bandwidth track/hold, a
8-bit quantizer and an internal reference.
The ADS930 employs digital error correction techniques to
provide excellent differential linearity for demanding imaging
applications. Its low distortion and high SNR give the
extra margin needed for telecommunications, video and
test instrumentation applications.
This high performance ADC is specified for performance at
a 30MHz sampling rate. The ADS930 is available in a
SSOP-28 package.




Similar Part No. - ADS930E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS930E BURR-BROWN-ADS930E Datasheet
191Kb / 11P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS930E TI1-ADS930E Datasheet
417Kb / 16P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930E TI-ADS930E Datasheet
314Kb / 14P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930E/1K TI1-ADS930E/1K Datasheet
417Kb / 16P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930E/1K TI-ADS930E/1K Datasheet
314Kb / 14P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS930E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS831 BURR-BROWN-ADS831 Datasheet
179Kb / 11P
8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 BURR-BROWN-ADS930 Datasheet
191Kb / 11P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 BURR-BROWN-ADS931 Datasheet
210Kb / 12P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS931 TI-ADS931 Datasheet
442Kb / 16P
8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI1-ADS931_14 Datasheet
437Kb / 17P
8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 TI1-ADS930_14 Datasheet
417Kb / 16P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 TI-ADS930_V01 Datasheet
314Kb / 14P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com