Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE58JD28 Datasheet (PDF) - Texas Instruments

AFE58JD28 Datasheet PDF - Texas Instruments
Part # AFE58JD28
Download  AFE58JD28 Download
File Size   219.66 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE58JD28 16-Channel Ultrasound AFE with 102-mW/Channel Power, 0.8-nV/√Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, Digital Demodulator, JESD or LVDS Interface, and Passive CW Mixer

AFE58JD28 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE58JD28 Datasheet PDF - Texas Instruments

Part # AFE58JD28
Download  AFE58JD28 Click to download

File Size   219.66 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE58JD28 16-Channel Ultrasound AFE with 102-mW/Channel Power, 0.8-nV/√Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, Digital Demodulator, JESD or LVDS Interface, and Passive CW Mixer

AFE58JD28 Datasheet (HTML) - Texas Instruments


AFE58JD28 Product details

1 Features
• 16-Channel AFE for Ultrasound Applications:
– Optimized Signal Chains for TGC and CW
Modes
– Four Programmable TGC Profiles
• Low-Noise Amplifier (LNA) With:
– Programmable Gain: 21 dB, 18 dB, and 15 dB
– Linear Input Signal Amplitude:
0.37 VPP, 0.5 VPP, and 0.71 VPP
– Active Termination
• Voltage-Controlled Attenuator (VCAT):
– Attenuation Range: 0 dB–36 dB
• Programmable Gain Amplifier (PGA):
– 18 dB–27 dB in Steps of 3 dB
• 3rd-Order, Linear-Phase, Low-Pass Filter (LPF):
– Cutoff Frequency From 10 MHz to 30 MHz
• ADC Modes (Idle-Channel SNR):
– 14-Bit, 65-MSPS Mode: 75-dBFS
– 12-Bit, 80-MSPS Mode: 72-dBFS
• Optimized for Noise and Power:
– TGC Mode: 102 mW/Ch at 0.8 nV/√Hz,
65-MSPS, 14-Bit Output
– CW Mode: 63 mW/Ch
• Excellent Device-to-Device Gain Matching:
– ±0.4 dB (Typical)
• Fast and Consistent Overload Recovery
• Continuous Wave (CW) Path With:
– Low Close-In Phase Noise of –159 dBc/Hz at
1-kHz Frequency Offset off 2.5-MHz Carrier
– Phase Resolution: λ / 16
– Supports 16x and 8x CW Clocks
– 12-dB Suppression of 3rd and 5th Harmonics
• Digital I/Q Demodulator:
– Fractional Decimation Filter M = 1 to 63 With
Increments of 0.25
– Data Throughput Reduction After Decimation
– On-Chip RAM With 32 Preset Profiles
• LVDS Interface With a Speed Up to 1 Gbps
• 5-Gbps JESD Interface:
– JESD204B Subclass 0, 1, and 2
– 2, 4, or 8 Channels per JESD Lane
• Small Package: 15-mm × 15-mm NFBGA-289

2 Applications
• Medical Ultrasound Imaging
• Nondestructive Evaluation Equipment
• Sonar Imaging Equipment

3 Description
The AFE58JD28 device is a highly-integrated, analog
front-end (AFE) solutions specifically designed for
ultrasound systems where high performance, low
power, and small size are required.




Similar Part No. - AFE58JD28

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE58JD28 TI1-AFE58JD28 Datasheet
148Kb / 6P
16-Channel Ultrasound AFE with 102-mW/Channel Power, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, Digital Demodulator, JESD or LVDS Interface, and Passive CW Mixer
AFE58JD28ZAV TI1-AFE58JD28ZAV Datasheet
148Kb / 6P
16-Channel Ultrasound AFE with 102-mW/Channel Power, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, Digital Demodulator, JESD or LVDS Interface, and Passive CW Mixer
More results


Similar Description - AFE58JD28

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE58JD16 TI-AFE58JD16_15 Datasheet
179Kb / 9P
AFE58JD16 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE58JD18 TI-AFE58JD18_15 Datasheet
846Kb / 12P
AFE58JD18 16-Channel, Ultrasound AFE with 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC,Passive CW Mixer, I/Q Demodulator, and LVDS, JESD204B Outputs
AFE5816 TI-AFE5816_15 Datasheet
189Kb / 9P
AFE5816 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE5818 TI-AFE5818_15 Datasheet
2Mb / 156P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140-mW/Channel Power, 0.75-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, and Passive CW Mixer
AFE58JD28 TI1-AFE58JD28 Datasheet
148Kb / 6P
16-Channel Ultrasound AFE with 102-mW/Channel Power, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, Digital Demodulator, JESD or LVDS Interface, and Passive CW Mixer
AFE5828 TI1-AFE5828 Datasheet
147Kb / 6P
16-Channel Ultrasound AFE with 102-mW/Channel Power, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, LVDS Interface, and Passive CW Mixer
AFE58JD32 TI1-AFE58JD32 Datasheet
874Kb / 9P
32-Channel Ultrasound AFE With 42-mW/Channel Power,12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output, Passive CW Mixer, LVDS and JESD204B Interface, and Digital Demodulator
AFE5832 TI1-AFE5832 Datasheet
876Kb / 9P
32-Channel Ultrasound AFE With 42-mW/Channel Power, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output, Passive CW Mixer and LVDS Interface
AFE58JD48 TI1-AFE58JD48 Datasheet
200Kb / 7P
AFE58JD48 16-Channel Ultrasound AFE with 140-mW/Channel Power, 0.8-nV/?숰z Noise, 16-Bit, 125-MSPS ADC with JESD or LVDS Interface, Digital Demodulator, and Passive CW Mixer
AFE58JD32LP TI1-AFE58JD32LP Datasheet
212Kb / 6P
AFE58JD32LP 32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/?숰z, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer, LVDS and JESD204B Interface, and Digital Demodulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com