Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26C32-EP Datasheet (PDF) - Texas Instruments

AM26C32-EP Datasheet PDF - Texas Instruments
Part # AM26C32-EP
Download  AM26C32-EP Download
File Size   267.0 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE DIFFERENTIAL LINE RECEIVER

AM26C32-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
AM26C32-EP Datasheet PDF - Texas Instruments

Part # AM26C32-EP
Download  AM26C32-EP Click to download

File Size   267.0 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE DIFFERENTIAL LINE RECEIVER

AM26C32-EP Datasheet (HTML) - Texas Instruments


AM26C32-EP Product details

1FEATURES
· Controlled Baseline
– One Assembly
– One Test Site
– One Fabrication Site
· Extended Temperature Performance of
–55°C to 125°C
· Enhanced Diminishing Manufacturing Sources
(DMS) Support
· Enhanced Product-Change Notification
· Qualification Pedigree (1)
· Meets or Exceeds the Requirements of ANSI
TIA/EIA-422-B, TIA/EIA-423-B, and ITU
Recommendation V.10 and V.11
· Low Power, ICC = 10 mA Typ
· ±7 V Common-Mode Range With ±200 mV
Sensitivity
· Input Hysteresis . . . 60 mV Typ
· tpd = 17 ns Typ
· Operates From a Single 5 V Supply
· 3-State Outputs
· Input Fail-Safe Circuitry
· Improved Replacements for AM26LS32

DESCRIPTION/ORDERING INFORMATION
The AM26C32 is a quadruple differential line receiver for balanced or unbalanced digital data transmission. The
enable function is common to all four receivers and offers a choice of active-high or active-low input. The 3-state
outputs permit connection directly to a bus-organized system. Fail-safe design specifies that if the inputs are
open, the outputs always are high.
The AM26C32 devices are manufactured using a BiCMOS process, which is a combination of bipolar and CMOS
transistors. This process provides the high voltage and current of bipolar with the low power of CMOS to reduce
the power consumption to about one-fifth that of the standard AM26LS32, while maintaining ac and dc
performance.
The AM26C32 is characterized for operation over the extended temperature range of –55°C to 125°C.




Similar Part No. - AM26C32-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
1Mb / 31P
Quadruple Differential Line Receiver
AM26C32-EP TI1-AM26C32-EP Datasheet
1Mb / 36P
AM26C32 Quadruple Differential Line Receiver
REVISED OCTOBER 2018
AM26C32-EP TI-AM26C32-EP Datasheet
1Mb / 37P
AM26C32 Quadruple Differential Line Receiver
REVISED OCTOBER 2023
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Similar Description - AM26C32-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
Quadruple Differential Line Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com