Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC138 Datasheet (PDF) - Texas Instruments

CD54HC138 Datasheet PDF - Texas Instruments
Part # CD54HC138
Download  CD54HC138 Download
File Size   234.31 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SPEED CMOS LOGIC 3- TO 8-LINE INVERTING DECODER/DEMULTIPLEXER

CD54HC138 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC138 Datasheet PDF - Texas Instruments

Part # CD54HC138
Download  CD54HC138 Click to download

File Size   234.31 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SPEED CMOS LOGIC 3- TO 8-LINE INVERTING DECODER/DEMULTIPLEXER

CD54HC138 Datasheet (HTML) - Texas Instruments


CD54HC138 Product details

Qualified for Automotive Applications
Select One of Eight Data Outputs Active
Low
I/O Port or Memory Selector
Three Enable Inputs to Simplify Cascading
Typical Propagation Delay of 13 ns at
VCC = 5 V, CL = 15 pF, TA = 25C
Fanout (Over Temperature Range)
− Standard Outputs . . . 10 LSTTL Loads
− Bus Driver Outputs . . . 15 LSTTL Loads
Balanced Propagation Delay and Transition
Times
Significant Power Reduction Compared to
LSTTL Logic ICs
2-V to 6-V VCC Operation
High Noise Immunity; NIL or NIH = 30% of
VCC, VCC = 5 V

description/ordering information
The CD74HC138 is a high-speed silicon-gate CMOS
decoder well suited to memory address decoding or
data routing applications. This circuit features low
power consumption usually associated with CMOS circuitry, yet has speeds comparable to low-power Schottky
TTL logic. The circuit has three binary select inputs (A0, A1, and A2). If the device is enabled, these inputs
determine which one of the eight normally high outputs of the HC138 will go low.
Two active-low and one active-high enables (E1, E2, and E3) are provided to ease the cascading of decoders.
The decoder’s eight outputs can drive ten low-power Schottky TTL equivalent loads.




Similar Part No. - CD54HC138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC138 TI-CD54HC138 Datasheet
352Kb / 14P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138 TI-CD54HC138 Datasheet
407Kb / 18P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138 TI-CD54HC138 Datasheet
360Kb / 15P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138 TI2-CD54HC138 Datasheet
1Mb / 29P
CDx4HC138, CDx4HCT138, CDx4HC238, CDx4HCT238 High-Speed CMOS Logic 3- to 8-Line Decoder/Demultiplexer Inverting and Noninverting
REVISED NOVEMBER 2021
CD54HC138F TI-CD54HC138F Datasheet
352Kb / 14P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
More results


Similar Description - CD54HC138

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
Texas Instruments
CD74HC138 TI-CD74HC138 Datasheet
43Kb / 7P
High Speed CMOS Logic 3-to-8 Line Decoder/ Demultiplexer Inverting and Non-Inverting
CD54HC138 TI-CD54HC138 Datasheet
352Kb / 14P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138 TI-CD54HC138_07 Datasheet
407Kb / 18P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138 TI-CD54HC138_08 Datasheet
360Kb / 15P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HC138-Q1 TI1-CD74HC138-Q1 Datasheet
203Kb / 9P
HIGH-SPEED CMOS LOGIC 3- TO 8-LINE INVERTING DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
logo
Texas Instruments
74HC138D-T TI-74HC138D-T Datasheet
765Kb / 19P
High-Speed CMOS Logic 3- to 8-Line Decoder/Demultiplexer Inverting and Noninverting
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
3-to-8 Line Decoder/Demultiplexer; Inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com