Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC4015 Datasheet (PDF) - Texas Instruments

CD54HC4015 Datasheet PDF - Texas Instruments
Part # CD54HC4015
Download  CD54HC4015 Download
File Size   312.29 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Speed CMOS Logic Dual 4-Stage Static Shift Register

CD54HC4015 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC4015 Datasheet PDF - Texas Instruments

Part # CD54HC4015
Download  CD54HC4015 Click to download

File Size   312.29 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Speed CMOS Logic Dual 4-Stage Static Shift Register

CD54HC4015 Datasheet (HTML) - Texas Instruments


CD54HC4015 Product details

Features
• Maximum Frequency, Typically 60MHz
CL = 15pF, VCC = 5V, TA = 25oC
• Positive-Edge Clocking
• Overriding Reset
• Buffered Inputs and Outputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V

Description
The ’HC4015 consists of two identical, independent, 4-stage
serial-input/parallel-output registers. Each register has
independent Clock (CP) and Reset (MR) inputs as well as a
single serial Data input. “Q” outputs are available from each
of the four stages on both registers. All register stages are Dtype,
master-slave flip-flops. The logic level present at the
Data input is transferred into the first register stage and
shifted over one stage at each positive- going clock
transition. Resetting of all stages is accomplished by a high
level on the reset line.
The device can drive up to 10 low power Schottky equivalent
loads. The ’HC4015 is an enhanced version of equivalent
CMOS types.




Similar Part No. - CD54HC4015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4015 TI-CD54HC4015 Datasheet
260Kb / 5P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
CD54HC4015 TI-CD54HC4015 Datasheet
266Kb / 10P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
CD54HC4015 TI-CD54HC4015 Datasheet
377Kb / 11P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
CD54HC4015F3A TI-CD54HC4015F3A Datasheet
260Kb / 5P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
CD54HC4015F3A TI-CD54HC4015F3A Datasheet
266Kb / 10P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
More results


Similar Description - CD54HC4015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4015 TI-CD74HC4015 Datasheet
38Kb / 6P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
CD54HC4015 TI-CD54HC4015 Datasheet
260Kb / 5P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
CD4015B TI-CD4015B Datasheet
521Kb / 11P
CMOS Dual 4-Stage Static Shift Register
CD54HC4015 TI-CD54HC4015_07 Datasheet
266Kb / 10P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
CD54HC4015 TI-CD54HC4015_08 Datasheet
377Kb / 11P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
logo
Unisonic Technologies
UCD4015 UTC-UCD4015 Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015 UTC-UCD4015_15 Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_15 Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com