Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1582 Datasheet (PDF) - Gennum Corporation

GS1582 Datasheet PDF - Gennum Corporation
Part # GS1582
Download  GS1582 Download
File Size   1862.32 Kbytes
Page   114 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?

GS1582 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1582 Datasheet PDF - Gennum Corporation

Part # GS1582
Download  GS1582 Click to download

File Size   1862.32 Kbytes
Page   114 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?

GS1582 Datasheet (HTML) - Gennum Corporation


GS1582 Product details

Description
The GS1582 is the next generation multi-standard serializer with an integrated cable driver. The device provides robust parallel to serial conversion, generating a SMPTE 292M/259M-C compliant serial digital output signal. The integrated cable driver features an output disable (high impedance) mode and an adjustable signal swing. Data input is accepted in 20-bit parallel format or 10-bit parallel format. An associated parallel clock input must be provided at the appropriate operating frequency; 74.25/74.1758/13.5MHz (20-bit mode) or 148.5/148.352/27MHz (10-bit mode).

Key Features
• HD-SDI, SD-SDI, DVB-ASI transmitter with audio embedding
• Integrated SMPTE 292M and 259M-C compliant cable driver
• Integrated ClockCleaner™
• User selectable video processing features, including:
    ♦ Generic ancillary data insertion
    ♦ Support for HVF or EIA/CEA-861 timing input
    ♦ Automatic standard detection and indication
    ♦ Enhanced SMPTE 352M payload identifier generation and insertion
    ♦ TRS, CRC, ANC data checksum, and line number calculation and insertion
    ♦ EDH packet generation and insertion
    ♦ Illegal code remapping
    ♦ SMPTE 292M and SMPTE 259M-C compliant scrambling and NRZ → NRZI encoding
    ♦ Blanking of input HANC and VANC space
• User selectable audio processing features, including:
    ♦ SMPTE 299M and SMPTE 272M-A/C compliant audio embedding
    ♦ Support for up to 8 channels
    ♦ Support for audio group replacement
• JTAG test interface
• 1.8V core and 3.3V charge pump power supply
• 1.8V and 3.3V digital I/O support
• Low power standby mode
• Operating temperature range: -20°C to +85°C
• Pb-free, RoHS compliant, 11mm x 11mm 100-ball BGA package

Applications
• SMPTE 292M and SMPTE 259M-C Serial Digital Interfaces




Similar Part No. - GS1582

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
2Mb / 115P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS1582 GENNUM-GS1582 Datasheet
2Mb / 115P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582-IBE3 GENNUM-GS1582-IBE3 Datasheet
2Mb / 115P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
More results


Similar Description - GS1582

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1531 GENNUM-GS1531_08 Datasheet
817Kb / 50P
Multi-Rate Serializer with ClockCleaner
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
Multi-Rate Serializer with ClockCleaner
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com