Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

830009560 Datasheet (PDF) - Molex Electronics Ltd.

830009560 Datasheet PDF - Molex Electronics Ltd.
Part # 830009560
Download  830009560 Download
File Size   70.56 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PremiumGrade Hand Crimp Tool for 1.27mm Commercial Micro D Terminals, 28-26 AWG

830009560 Datasheet (PDF)

Go To PDF Page Download Datasheet
830009560 Datasheet PDF - Molex Electronics Ltd.

Part # 830009560
Download  830009560 Click to download

File Size   70.56 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PremiumGrade Hand Crimp Tool for 1.27mm Commercial Micro D Terminals, 28-26 AWG

830009560 Datasheet (HTML) - Molex Electronics Ltd.


830009560 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description PremiumGrade Hand Crimp Tool
for 1.27mm Commercial Micro D
Terminals, 28-26 AWG
Comments See Tooling Specification (PDF)
Above; Type: 4A
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name PremiumGrade
Tool Type Hand Crimp Tool
UPC 822350127714
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 830009560

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
830009503 MOLEX9-830009503 Datasheet
207Kb / 5P
1.27mm (.050") Pitch Ulti-Mate??Commerical Micro D, Cable Receptacle Kit, 9|25|15 Circuits
More results


Similar Description - 830009560

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-2500 MOLEX11-63819-2500 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.00mm Crimp Terminals, 26-28 AWG
63819-2600 MOLEX11-63819-2600 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.00mm Crimp Terminals, 26-28 AWG
0638192600 MOLEX-0638192600 Datasheet
39Kb / 1P
PremiumGrade Hand Crimp Tool for Female Terminals, 22-28 AWG
11/02/2021
2002189700 MOLEX-2002189700 Datasheet
37Kb / 1P
Hand Crimp Tool for 1.25mm Pitch PicoBlade Crimp Terminals, 26-28 AWG
4/21/2022
0638114800 MOLEX-0638114800 Datasheet
31Kb / 1P
PremiumGrade Hand Crimp Tool for 1.27mm Commercial Micro D Terminals, 26-28 AWG
08/25/2022
0638117200 MOLEX-0638117200 Datasheet
38Kb / 2P
PremiumGrade Hand Crimp Tool for Sabre Terminals, 14-18 AWG
08/25/2022
0638117400 MOLEX-0638117400 Datasheet
41Kb / 3P
PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 22-26 AWG
08/26/2022
0638117900 MOLEX-0638117900 Datasheet
36Kb / 1P
PremiumGrade Hand Crimp Tool for PanelMate Terminals, 28-32 AWG
08/26/2022
0638118100 MOLEX-0638118100 Datasheet
36Kb / 1P
PremiumGrade Hand Crimp Tool for Mini-Lock Terminals, 22-28 AWG
08/26/2022
0638190000 MOLEX-0638190000 Datasheet
49Kb / 4P
PremiumGrade Hand Crimp Tool for Micro-Fit 3.0 Terminals, 20-30 AWG
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com