Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08701031 Datasheet (PDF) - Molex Electronics Ltd.

08701031 Datasheet PDF - Molex Electronics Ltd.
Part # 08701031
Download  08701031 Download
File Size   52.33 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PremiumGrade Hand Crimp Tool for SPOX Terminals, 24-18 AWG

08701031 Datasheet (PDF)

Go To PDF Page Download Datasheet
08701031 Datasheet PDF - Molex Electronics Ltd.

Part # 08701031
Download  08701031 Click to download

File Size   52.33 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PremiumGrade Hand Crimp Tool for SPOX Terminals, 24-18 AWG

08701031 Datasheet (HTML) - Molex Electronics Ltd.


08701031 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description PremiumGrade Hand Crimp Tool
for SPOX Terminals, 24-18 AWG
Comments See Tooling Specification (PDF)
Above; Type: 2C
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name N/A
Tool Type Hand Crimp Tool
UPC 822350700573
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 08701031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
08701030 MOLEX-08701030 Datasheet
51Kb / 3P
Hand Crimp Tool JHTR5904
Jun 04, 2025
08701039 MOLEX-08701039 Datasheet
106Kb / 1P
Mini SPOX 2.5 F-S 225mm 22 AWG BK Sn
2022/03/02
08701039 MOLEX-08701039 Datasheet
108Kb / 1P
Mini SPOX 2.5 F-F 75mm 22 AWG BK Sn
2022/03/02
08701039 MOLEX-08701039 Datasheet
107Kb / 1P
Mini SPOX 2.5 F-S 75mm 26 AWG BK Sn
2022/03/02
08701039 MOLEX-08701039 Datasheet
107Kb / 1P
Mini SPOX 2.5 F-S 75mm 24 AWG BK Sn
2022/03/02
More results


Similar Description - 08701031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63811-6400 MOLEX-63811-6400 Datasheet
302Kb / 6P
Hand Crimp Tool for SPOX??Terminals
03-29-08
63811-6500 MOLEX-63811-6500 Datasheet
303Kb / 6P
Hand Crimp Tool for SPOX??Terminals
03-29-08
ATS-638115200 MOLEX-ATS-638115200 Datasheet
274Kb / 6P
Hand Crimp Tool for SPOX??Terminals
11-29-07
0638192600 MOLEX-0638192600 Datasheet
39Kb / 1P
PremiumGrade Hand Crimp Tool for Female Terminals, 22-28 AWG
11/02/2021
0638114200 MOLEX-0638114200 Datasheet
51Kb / 3P
PremiumGrade Hand Crimp Tool for 2.54mm MX64 Terminals, 18-22 AWG
08/25/2022
0638116000 MOLEX-0638116000 Datasheet
40Kb / 4P
PremiumGrade Hand Crimp Tool for MX150 Female Terminals, 18-22 AWG
08/26/2022
0638116500 MOLEX-0638116500 Datasheet
34Kb / 1P
PremiumGrade Hand Crimp Tool for SPOX Terminals, 18-24 AWG
08/26/2022
0638117200 MOLEX-0638117200 Datasheet
38Kb / 2P
PremiumGrade Hand Crimp Tool for Sabre Terminals, 14-18 AWG
08/25/2022
0638118700 MOLEX-0638118700 Datasheet
46Kb / 3P
PremiumGrade Hand Crimp Tool for SL Crimp Terminals, 22-24 AWG and 32-36 AWG
08/26/2022
0638190901 MOLEX-0638190901 Datasheet
52Kb / 4P
PremiumGrade Hand Crimp Tool for Mini-Fit Jr. Male and Female Terminals, 18-24 AWG
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com