Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08500108 Datasheet (PDF) - Molex Electronics Ltd.

08500108 Datasheet PDF - Molex Electronics Ltd.
Part # 08500108
Download  08500108 Download
File Size   64.99 Kbytes
Page   5 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 26-22 AWG

08500108 Datasheet (PDF)

Go To PDF Page Download Datasheet
08500108 Datasheet PDF - Molex Electronics Ltd.

Part # 08500108
Download  08500108 Click to download

File Size   64.99 Kbytes
Page   5 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 26-22 AWG

08500108 Datasheet (HTML) - Molex Electronics Ltd.


08500108 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description PremiumGrade Hand Crimp Tool
for KK 3.96mm Terminals, 26-22
AWG
Comments Field Repair, See Tooling
Specification (PDF) Above; Type: 2C
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name PremiumGrade
Tool Type Hand Crimp Tool
UPC 822350924245
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 08500108

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850010012 MOLEX9-0850010012 Datasheet
113Kb / 4P
2.54mm (.100) Pitch DIN 41612 Header, Style B/2, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 32 Circuits
0850010036 MOLEX9-0850010036 Datasheet
115Kb / 4P
2.54mm (.100) Pitch DIN 41612 Header, Style B, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 64 Circuits
0850010050 MOLEX9-0850010050 Datasheet
116Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style B, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), 32 Circuits
0850010074 MOLEX9-0850010074 Datasheet
113Kb / 4P
2.54mm (.100) Pitch DIN 41612 Header, Style B/2, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), Fixing Clip available ,32 Circuits
0850010086 MOLEX9-0850010086 Datasheet
208Kb / 6P
2.54mm (.100") Pitch DIN 41612 B Style Male Header, PCT, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 32
More results


Similar Description - 08500108

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638192600 MOLEX-0638192600 Datasheet
39Kb / 1P
PremiumGrade Hand Crimp Tool for Female Terminals, 22-28 AWG
11/02/2021
0638114200 MOLEX-0638114200 Datasheet
51Kb / 3P
PremiumGrade Hand Crimp Tool for 2.54mm MX64 Terminals, 18-22 AWG
08/25/2022
0638114400 MOLEX-0638114400 Datasheet
34Kb / 2P
PremiumGrade Hand Crimp Tool for MX150L Terminals, 14-22 AWG
08/26/2022
0638116000 MOLEX-0638116000 Datasheet
40Kb / 4P
PremiumGrade Hand Crimp Tool for MX150 Female Terminals, 18-22 AWG
08/26/2022
0638117400 MOLEX-0638117400 Datasheet
41Kb / 3P
PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 22-26 AWG
08/26/2022
0638118100 MOLEX-0638118100 Datasheet
36Kb / 1P
PremiumGrade Hand Crimp Tool for Mini-Lock Terminals, 22-28 AWG
08/26/2022
0638118200 MOLEX-0638118200 Datasheet
27Kb / 2P
PremiumGrade Hand Crimp Tool for KK 2.54mm Crimp Terminals, 22-30 AWG
08/25/2022
0638192300 MOLEX-0638192300 Datasheet
52Kb / 2P
PremiumGrade Hand Crimp Tool for iGrid Female Terminals, 22-26 AWG and 0.30-0.20mm² Wire
08/26/2022
0638278900 MOLEX-0638278900 Datasheet
14Kb / 1P
Hand Crimp Tool for Board-in Crimp Terminals, 22-26 AWG
08/26/2022
0638280300 MOLEX-0638280300 Datasheet
22Kb / 2P
Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 18-22 AWG
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com