Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

457730001 Datasheet (PDF) - Molex Electronics Ltd.

457730001 Datasheet PDF - Molex Electronics Ltd.
Part # 457730001
Download  457730001 Download
File Size   86.45 Kbytes
Page   5 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PremiumGrade Hand Crimp Tool for Micro-Fit 3.0 Terminals, 30-20 AWG

457730001 Datasheet (PDF)

Go To PDF Page Download Datasheet
457730001 Datasheet PDF - Molex Electronics Ltd.

Part # 457730001
Download  457730001 Click to download

File Size   86.45 Kbytes
Page   5 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PremiumGrade Hand Crimp Tool for Micro-Fit 3.0 Terminals, 30-20 AWG

457730001 Datasheet (HTML) - Molex Electronics Ltd.


457730001 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description PremiumGrade Hand Crimp Tool
for Micro-Fit 3.0 Terminals, 30-20
AWG
Comments See Tooling Specification (PDF)
Above; Type: 4D
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name PremiumGrade
Tool Type Hand Crimp Tool
UPC 800756936826
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 457730001

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
4577 FESTO-4577 Datasheet
79Kb / 1P
Toggle lever valve
4/10/22
logo
Heyco.
4577 HEYCO-4577 Datasheet
267Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
KISTLER INSTRUMENT CORP...
4577A KISTLER-4577A Datasheet
420Kb / 2P
Strain Gage Miniature Load Cell for Compression Forces, 0,1 ... 200 kN
4577A100C1 KISTLER-4577A100C1 Datasheet
420Kb / 2P
Strain Gage Miniature Load Cell for Compression Forces, 0,1 ... 200 kN
4577A100C3 KISTLER-4577A100C3 Datasheet
420Kb / 2P
Strain Gage Miniature Load Cell for Compression Forces, 0,1 ... 200 kN
More results


Similar Description - 457730001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
200218-5400 MOLEX-200218-5400 Datasheet
1Mb / 8P
Hand Crimp Tool for Micro-Fit Terminals
12-21-18
63819-2900 MOLEX-63819-2900 Datasheet
587Kb / 7P
Hand Crimp Tool For Low Force Micro-Fit 3.0??Crimp Terminals
09-22-10
ATS-638190000 MOLEX-ATS-638190000 Datasheet
962Kb / 8P
Hand Crimp Tool For Micro-Fit 3.0??Crimp Terminals
06-23-16
ATS-638280200 MOLEX-ATS-638280200 Datasheet
659Kb / 8P
Hand Crimp Tool for Micro-Fit 3.0 Crimp Terminals
09-11-17
200218-6000 MOLEX-200218-6000 Datasheet
1Mb / 8P
Hand Crimp Tool for Micro-Fit Terminals
06-05-19
200218-5500 MOLEX-200218-5500 Datasheet
1Mb / 8P
Hand Crimp Tool for Micro-Fit Terminals
12-10-18
213309-4500 MOLEX-213309-4500 Datasheet
1Mb / 8P
Hand Crimp Tool for Micro-Fit Terminals
07-26-21
2002185600 MOLEX-2002185600 Datasheet
1Mb / 8P
Hand Crimp Tool for Micro-Fit Terminals
12-21-18
0638118200 MOLEX-0638118200 Datasheet
27Kb / 2P
PremiumGrade Hand Crimp Tool for KK 2.54mm Crimp Terminals, 22-30 AWG
08/25/2022
0638190000 MOLEX-0638190000 Datasheet
49Kb / 4P
PremiumGrade Hand Crimp Tool for Micro-Fit 3.0 Terminals, 20-30 AWG
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com