Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSA-2 Datasheet (PDF) - Bourns Electronic Solutions

SSA-2 Datasheet PDF - Bourns Electronic Solutions
Part # SSA-2
Download  SSA-2 Download
File Size   1378.96 Kbytes
Page   8 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Riedon™ SSA-2 Series Analog Current Sensors by Bourns

SSA-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSA-2 Datasheet PDF - Bourns Electronic Solutions

Part # SSA-2
Download  SSA-2 Click to download

File Size   1378.96 Kbytes
Page   8 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Riedon™ SSA-2 Series Analog Current Sensors by Bourns

SSA-2 Datasheet (HTML) - Bourns Electronic Solutions


SSA-2 Product details

Features
n Formerly a Riedon™ product
n Nominal current: 100 A to 1000 A
n AC or DC circuits
n 1500 VDC reinforced isolation
n Tolerance of ±0.2 %
n Amplified differential output: ±2.5 V peak
n RoHS compliant*

Applications
n Battery systems
n Renewable energy
n Motor drives
n EV charging stations




Similar Part No. - SSA-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SSA-24C667 MACOM-SSA-24C667 Datasheet
58Kb / 2P
CNT series Multifunction, Digital Time Delay Relay/Counter
SSA-24C667 MACOM-SSA-24C667 Datasheet
50Kb / 2P
Multifunction, Digital Time Delay Relay/Counter
SSA-24C667 MACOM-SSA-24C667 Datasheet
43Kb / 1P
On Delay, Time Delay Relay For Plug-In or Panel Mounting
SSA-24C667 MACOM-SSA-24C667 Datasheet
50Kb / 2P
Multifunction Time Delay Relay For Plug-In or Panel Mounting
SSA-24C667 MACOM-SSA-24C667 Datasheet
58Kb / 2P
Multifunction, Digital Time Delay Relay/Counter
More results


Similar Description - SSA-2

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
128Kb / 2P
Analog Addressable Sensors
logo
RHOPOINT COMPONENTS
AA002-02 RHOPOINT-AA002-02 Datasheet
183Kb / 1P
AA and AB-Series Analog Sensors
logo
Bourns Electronic Solut...
CR00201-FW-8252ELF BOURNS-CR00201-FW-8252ELF Datasheet
312Kb / 8P
Bourns Chip Resistors and Arrays
logo
List of Unclassifed Man...
AA004-00E ETC2-AA004-00E Datasheet
183Kb / 16P
AA and AB-Series Analog Sensors
AA002-02E ETC2-AA002-02E Datasheet
183Kb / 16P
AA and AB-Series Analog Sensors
logo
STMicroelectronics
AN420 STMICROELECTRONICS-AN420 Datasheet
125Kb / 16P
Occasionally the analog signal provided by external sensors require
02-Nov-2011
logo
Banner Engineering Corp...
SSA-EB BANNER-SSA-EB Datasheet
763Kb / 4P
SSA-EB Series Emergency Stop Buttons
SSA-EB1PL-12ECQ8 BANNER-SSA-EB1PL-12ECQ8 Datasheet
1Mb / 10P
SSA-EB Series Lighted Emergency Stop Push Button
logo
WAGO Kontakttechnik Gmb...
750-461-000-003 WAGO-750-461-000-003 Datasheet
481Kb / 12P
2-channel analog input; For Pt1000/RTD resistance sensors
logo
Banner Engineering Corp...
S18UUA BANNER-S18UUA Datasheet
1,011Kb / 12P
U-GAGE™ S18U Series Sensors with Analog Output
2013
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com