Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3AT Datasheet (PDF) - Sensata Technologies, Inc.

3AT Datasheet PDF - Sensata Technologies, Inc.
Part # 3AT
Download  3AT Download
File Size   8564.42 Kbytes
Page   17 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description SNAP ACTION PRECISION POSITION SWITCHES (RATED 4 AMPS @ 28VDC)

3AT Datasheet (PDF)

Go To PDF Page Download Datasheet
3AT Datasheet PDF - Sensata Technologies, Inc.

Part # 3AT
Download  3AT Click to download

File Size   8564.42 Kbytes
Page   17 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description SNAP ACTION PRECISION POSITION SWITCHES (RATED 4 AMPS @ 28VDC)

3AT Datasheet (HTML) - Sensata Technologies, Inc.


3AT Product details

Features
• Qualified per MIL-PRF-8805, Enclosure Symbol 5
• Hermetically sealed with dry nitrogen gas backfill
• Proven snap-action switching, reliable performance and long life
• Excellent shock and vibration resistance
• Switching up to 4 amps
• Optimal for low level circuits
• Temperature range between -275°F and 450°F

AT Series
• Flight Control Actuators
• Landing Gear Steering
• Landing Gear Down
& Locked
• Engine Start Quadrant
• Helicopter Litter Door Latch
• Helicopter Rotor Brake
• Helicopter Rotor Brake
• APU Valve Indication
• Throttle Grip Control
• Satellite Applications
• Satellite Arm Extended
• Parachute Release
3AT Series • Engine Start Valves
• Bleed Air Valves
• Env. Control Systems Valve
• Avionics Cooling Valves
• Anti-Icing Valves
• Fuel Valves
• Thrust Reverser
• Flap Assembly
4AT Series • Liquid Oxygen Valves
• Solar Array Position
• Satellite Antenna Position
• Mars Observer
• International Space Station Applications
• Lunar Rover Release & Power Up
10AT Series
(MIL-PRF-8805)
• Gearbox
• Blade Fold Indication
• Landing Gear Indication
• Steering Wheel Switch
• Ejection Seat Armed
• Cargo Handling Systems
• Helicopter Rotor Condition
• Helicopter Door Indication
• Antenna Position
• Throttle Quadrant
• Thrust Reverser
• Flight Control Actuators
• EVA Space Suit
• Space Capsule Controls
• Inertial Upper Stage
• Weapons Systems
Applications




Similar Part No. - 3AT

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
3AT-F BIVAR-3AT-F Datasheet
433Kb / 5P
3mm (T1) Package Discrete LED AMBER
Revision C 06/15
3AT-S BIVAR-3AT-S Datasheet
433Kb / 5P
3mm (T1) Package Discrete LED AMBER
Revision C 06/15
3AT-S BIVAR-3AT-S Datasheet
487Kb / 4P
STD PANEL MOUNT INDICATORS W/ WIRES
02/05/08
logo
List of Unclassifed Man...
3ATH9 ETC2-3ATH9 Datasheet
102Kb / 5P
Through-hole or SMD
logo
APEM Components, Inc.
3ATH9 MULTIMEC-3ATH9 Datasheet
148Kb / 7P
basic switch modules
More results


Similar Description - 3AT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
SNAP ACTION SWITCHES-MINIATURE
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
SNAP ACTION SWITCHES
SS0750301F030P1A E-SWITCH-SS0750301F030P1A Datasheet
1,009Kb / 2P
SNAP ACTION SWITCHES - SUB-MINIATURE
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
SNAP ACTION SWITCHES - SUB-MINIATURE
logo
List of Unclassifed Man...
11-304 ETC2-11-304 Datasheet
1Mb / 30P
LICON. SNAP ACTION SWITCHES
logo
SHINMEI ELECTRIC CO., L...
MQS-53 SHINMEI-MQS-53 Datasheet
171Kb / 6P
Compact-sized Snap Action Switches
MQS-54 SHINMEI-MQS-54 Datasheet
311Kb / 11P
Compact-sized Snap Action Switches
logo
TE Connectivity Ltd
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
Snap Action Switches
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
Snap Action Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com