Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB42AB4 Datasheet (PDF) - Texas Instruments

TSB42AB4 Datasheet PDF - Texas Instruments
Part # TSB42AB4
Download  TSB42AB4 Download
File Size   317.51 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description (ceLynx) IEEE 1394-a Consumer Electronics Link Layer Controller

TSB42AB4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSB42AB4 Datasheet PDF - Texas Instruments

Part # TSB42AB4
Download  TSB42AB4 Click to download

File Size   317.51 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description (ceLynx) IEEE 1394-a Consumer Electronics Link Layer Controller

TSB42AB4 Datasheet (HTML) - Texas Instruments


TSB42AB4 Product details

FEATURES
· DTCP content protection (TSB42AA4 only). A
separate document explains the DTCP
hardware errata for TSB42AA4. It is available
upon request to DTLA licensees only.
· Interfaces directly to industry standard 400-,
200-, and 100-Mbps physical layer devices,
including Texas Instruments TSB41LV0X and
TSB41AXX family of physical layer devices
· Compliant with IEEE 1394-1995 and IEEE
1394a–2000 standards
· MPEG2 time stamp-based release, as
described in IEC 61883-4
· High-speed data interface (HSDI):
– Byte-wide or serial mode
– Two independent HSDI ports
– Bidirectional
– Several control modes for a variety of
applications
– Connects seamlessly to common MPEG2
decoder chipsets
· 16-bit microprocessor interface supports
Motorola 68000/68020-style bus
· Large 8K-byte FIFO can be configured up to
eight independent Tx or Rx FIFOs
· 8K-byte FIFO supports the following data
types:
– DVB MPEG2 transport streams (IEC
61883-4)
– DirecTV™ transport streams
– DV program streams (IEC 61883-2)
– Asynchronous streams
– Support for external processor DMA
· Programmable data-/space-available
indications for flow control; almost full and
almost empty indicators
· Supports bus manager functions and
automatic 1394 self-ID verification
· Interrupt driven to minimize host polling
· Single 3.3-V supply
· Separate async acknowledge buffer
decreases the ack-tracking burden on host
· JTAG interface to support post-assembly
scan of device I/O
· Bus holder isolation
· Embedded support for DTCP content
protection:
– Two M6 baseline ciphers (one per HSDI
port)
– Random number generator in hardware
– SHA-1 secure hash algorithm in hardware
– Authentication key cipher in hardware
· Optional auto-configuration for MPEG2/DV
transmit and receive functions
· PID filtering and packet insertion for MPEG2
transport stream

DESCRIPTION
Consumer Electronics Link (ceLynx) is a high-performance 1394 link layer device designed specifically to
support advanced consumer electronics applications, particularly those applications which require the
transmission of Moving Picture Expert Group 2 (MPEG2) transport streams and encryption/decryption of those
streams across a 1394 network. The device supports both digital video broadcasting (DVB) and DirecTV™ type
MPEG2 streams using the digital transmission content protection method (DTCP) method of encryption, as well
as digital video (DV) encoded streams. The ceLynx supports both the IEC 61883 standard for DVB and DV
streams over 1394 and the 1394 Trade Association standard for DirecTV over 1394.
The ceLynx is also versatile enough to handle asynchronous data and asynchronous streams. A key feature of
the ceLynx is its ability to handle multiple data type streams simultaneously; the user may transport DVB,
DirecTV, DV data streams, and asynchronous data simultaneously. The ceLynx can also support multiple
streams of the same data type simultaneously, (for example, transmit or receive two DVB transport streams or
two DV streams).
The ceLynx is full duplex, allowing simultaneous playback and recording of audio/video data. Full duplex support
also includes the capability of using the DTCP method, simultaneously using the two embedded M6 cipher
modules. The large internal 8-Kbyte FIFO is very flexible, allowing the user to partition it into eight independent
first in first out (FIFOs) and allowing the user to determine the exact configuration of each of these FIFOs to fit
the application. Advanced features have been added to support program ID (PID) filtering and packet insertions.
The ceLynx is also designed to interface seamlessly with popular MPEG2 decoder chipsets. This decreases the
design-in effort of customers when using these popular chipsets.




Similar Part No. - TSB42AB4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB42AB4 TI-TSB42AB4 Datasheet
798Kb / 183P
IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB42AB4 TI1-TSB42AB4 Datasheet
121Kb / 7P
IEEE 1394-a Consumer Electronics Link Layer Controller
TSB42AB4I TI-TSB42AB4I Datasheet
798Kb / 183P
IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB42AB4I TI1-TSB42AB4I Datasheet
121Kb / 7P
IEEE 1394-a Consumer Electronics Link Layer Controller
TSB42AB4IPDT TI-TSB42AB4IPDT Datasheet
798Kb / 183P
IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
More results


Similar Description - TSB42AB4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
IEEE 1394 LINK LAYER CONTROLLER
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV41A TI-TSB12LV41A Datasheet
587Kb / 199P
IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB15LV01 TI-TSB15LV01 Datasheet
421Kb / 74P
VIDEO SIGNAL PROCESSOR WITH IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
(PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB42AA4 TI1-TSB42AA4_14 Datasheet
121Kb / 7P
IEEE 1394-a Consumer Electronics Link Layer Controller
TSB15LV01 TI1-TSB15LV01_14 Datasheet
91Kb / 6P
Video Signal Processor With IEEE-1394 Link Layer Controller
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
(PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com