Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3852 Datasheet (PDF) - Texas Instruments

UC3852 Datasheet PDF - Texas Instruments
Part # UC3852
Download  UC3852 Download
File Size   300.62 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Power-Factor Preregulator

UC3852 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC3852 Datasheet PDF - Texas Instruments

Part # UC3852
Download  UC3852 Click to download

File Size   300.62 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Power-Factor Preregulator

UC3852 Datasheet (HTML) - Texas Instruments


UC3852 Product details

FEATURES
· Low-Cost Power Factor
Correction
· Power Factor Greater Than 0.99
· Few External Parts Required
· Controlled On-Time Boost PWM
· Zero-Current Switching
· Limited Peak Current
· Min and Max Frequency Limits
· Starting Current Less Than 1mA
· High-Current FET Drive Output
· Under-Voltage Lockout

DESCRIPTION
The UC1852 provides a low-cost solution to active power-factor correction (PFC)
for systems that would otherwise draw high peak current pulses from AC power
lines. This circuit implements zero-current switched boost conversion, producing
sinusoidal input currents with a minimum of external components, while keeping
peak current substantially below that of fully-discontinuous converters.
The UC1852 provides controlled switch on-time to regulate the output bulk DC
voltage, an off-time defined by the boost inductor, and a zero-current sensing
circuit to reactivate the switch cycle. Even though switching frequency varies with
both load and instantaneous line voltage, it can be maintained within a reasonable
range to minimize noise generation.
While allowing higher peak switch currents than continuous PFCs such as the
UC1854, this device offers less external circuitry and smaller inductors, yet better
performance and easier line-noise filtering than discontinuous current PFCs with
no sacrifice in complexity or cost. The ability to obtain a power factor in excess of
0.99 makes the UC1852 an optimum choice for low-cost applications in the 50 to
500 watt power range. Protection features of these devices include under-voltage
lockout, output clamping, peak-current limiting, and maximum-frequency
clamping.
The UC1852 family is available in 8-pin plastic and ceramic dual in-line packages,
and in the 8-pin small outline IC package (SOIC). The UC1852 is specified for
operation from -55°C to +125°C, the UC2852 is specified for operation from -40°C
to +85°C, and the UC3852 is specified for operation from 0°C to +70°C.




Similar Part No. - UC3852

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3852 TI-UC3852 Datasheet
210Kb / 6P
High Power-Factor Preregulator
UC3852 TI-UC3852 Datasheet
556Kb / 32P
ADVANCED PFC/PWW COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
UC3852 TI1-UC3852 Datasheet
405Kb / 10P
High Power-Factor Preregulator
UC3852 TI-UC3852 Datasheet
802Kb / 10P
High Power-Factor Preregulator
UC3852D TI1-UC3852D Datasheet
405Kb / 10P
High Power-Factor Preregulator
More results


Similar Description - UC3852

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1852 TI-UC1852 Datasheet
210Kb / 6P
High Power-Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
High Power Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
High Power-Factor Preregulator
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
High Power Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
High Power-Factor Preregulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com