Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB006V9 Datasheet (PDF) - Matrix Technology Solutions Ltd

EB006V9 Datasheet PDF - Matrix Technology Solutions Ltd
Part # EB006V9
Download  EB006V9 Download
File Size   2806.11 Kbytes
Page   13 Pages
Manufacturer  MATRIX [Matrix Technology Solutions Ltd]
Direct Link  https://www.matrixtsl.com/
Logo MATRIX - Matrix Technology Solutions Ltd
Description This document concerns the EB006V9 E-blocks PICmicro multiprogrammer board (version 9).

EB006V9 Datasheet (PDF)

Go To PDF Page Download Datasheet
EB006V9 Datasheet PDF - Matrix Technology Solutions Ltd

Part # EB006V9
Download  EB006V9 Click to download

File Size   2806.11 Kbytes
Page   13 Pages
Manufacturer  MATRIX [Matrix Technology Solutions Ltd]
Direct Link  https://www.matrixtsl.com/
Logo MATRIX - Matrix Technology Solutions Ltd
Description This document concerns the EB006V9 E-blocks PICmicro multiprogrammer board (version 9).

EB006V9 Datasheet (HTML) - Matrix Technology Solutions Ltd


EB006V9 Product details

1. Trademarks and copyright
PIC and PICmicro are registered trademarks of Arizona
Microchip Inc. E-blocks is a trademark of Matrix
Technology Solutions Ltd.
2. Disclaimer
The information provided within this document is
correct at the time of going to press. Matrix TSL reserves
the right to change specifications from TSL to time.
3. Testing this product
It is advisable to test the product upon receiving it to
ensure it works correctly. Matrix provides test procedures
for all E-blocks, which can be found in the Support
section of the website.
4. Product support
If you require support for this product then please
visit the Matrix website, which contains many learning
resources for the E-blocks series. On our website you will
find:
• How to get started with E-blocks - if you are new to
E-blocks and wish to learn how to use them from the
beginning there are resources available to help.
• Relevant software and hardware that allow you to use
your E-blocks product better.
• Example files and programs.
• Ways to get technical support for your product, either
via the forums or by contacting us directly

General information
The EB006 V9 PICmicro microcontroller programmer
connects to your PC via USB to provide you with a low
cost and flexible PICmicro microcontroller programmer.
This board can be used with conventional microcontroller
programs that generate hex code for the PIC family:
MPLAB, C compilers, BASIC compilers etc. The EB006
V9 has many features that are optimised for use with
Flowcode version 6 including Ghost technology.
The board will program most 8, 14, 18, 20, 28 and 40 pin
flash PICmicro microcontroller devices using the free
‘mLoader’ programming software provided. mLoader
can be downloaded from the Matrix web site.
The board also provides ‘clean’ access to all Input/Output
lines on the relevant PICmicro microcontroller device.
These are presented on 9 way D-type connectors: 8 bits
and earth. A range of additional E-blocks boards can
plug into these D-type connectors to provide a rapid
prototyping system for learning and development.
More information on Ghost technology can be found on
our website at www.matrixtsl.com/ghost.

1. Features
• E-blocks compatible
• Low cost
• Used as a programmer and as a development board
• Programs a wide range of PICmicro MCU devices
• Full suite of programming software available
• Ghost technology included
• Removable crystal oscillator source
• 5 I/O ports
• In-Circuit Debugging via PICkit2 connector
• In-Circuit Debug with Flowcode 6
• In-Circuit Test with Flowcode 6
• Charge pump capability to allow high voltage
programming from USB supply
• 2mm power connector sockets
• Powerful 16bit host chip with Ghost technology
operating system included
• All pins on target device monitored by host
microcontroller
• On-board SRAM memory for data storage
• LEDs for Power, In-Circuit -Debug, In-Circuit -Test,
and Program
• Lower operating voltage (9V)

Circuit description
The multiprogrammer solution is made up of two
parts: a circuit board that allows various slave PICmicro
devices to be programmed, and the Windows based
programming utility ‘mLoader’.
1. Power supply
The board is normally operated from a regulated DC
supply of 7.5 - 9V or from a USB supply. This allows full
operation including programming. The board can be
operated solely from the USB cable provided. However
care must be taken, as there is only limited power that
can be taken from a computer’s USB port.
The jumper link system, J11, allows the user to decide
on the source of the power supply. If using a regulated
7.5V power supply the jumper should be positioned to
the right hand side of the jumper system labeled ‘PSU’. If
using USB power place the jumper on the left hand side
of the jumper system. LED D6 indicates that power is
correctly supplied to the board.
Please note that both USB and the PSU cables should
be removed for the Multiprogammer board BEFORE
changing the position of this jumper.
Remember that other E-blocks will have to receive their
voltage by placing a connecting wire from the “+V” screw
terminal of the Multiprogrammer to the “+V” screw
terminal of each E-Block that requires a voltage.
WARNING: Take extra care when wiring in a
power supply 12V may cause the board to run
hot.
2. Programming circuit
The Multiprogrammer connects to a personal computer
via the USB socket. Any USB socket on the PC can be
used. The host microcontroller is used to communicate
between the USB bus and the Multiprogrammer
circuitry. The host is connected to a network of analogue
switches formed by U4 and a charge pump circuit which
is used to multiply the operating voltage up to the 9-12V
programming voltage. This circuitry routes 0V, VDD and
VPP to appropriate pins on the slave PICmicro devices as
and when necessary.
3. DIL sockets and I/O ports
The slave PICmicro DIL sockets are wired in parallel (see
table of connections below) and the ports are fed out to
5 D-type sockets grouped in ports. These signals are also
!
available on a 40-way header (J5) for expansion purposes.
Other important signals can be accessed via the other
expansion header J24 (see table of connections below).
Port E has only 3 connections, which reflects the pin outs
of the various PICmicro devices themselves. When using
an 8-pin or 14-pin device it should be placed in the upper
pins of the 20-pin DIL socket as marked on the board.
Please refer to device datasheets for availability of port
outputs on each device.
NOTE: RA4 on some PICmicro devices has an open
collector output. This means that you will most likely
need a pull up resistor to be able to drive an LED etc.
Please see the datasheet on the device you are using
for further details. (Does not apply to 16F1937 device
supplied with the board).
WARNING: Only fit one PICmicro device at a time.
Inserting more then one PICmicro device will
cause programming to fail and may even cause
damage to the board or the PICmicros.
4. Reset push button
PB1 provides a reset by pulling the MCLR pin low. Note
that the programming chip will reset the slave PICmicro
as part of the send routine so that you do not need to
press this switch each time you send your program to
the board. If you are using a device with internal MCLR
functionality then you will have to ensure that the chip
is configured with an external MCLR to allow the reset
operation to work. Devices using the internal MCLR
configuration setting will be able to use the reset switch
as a digital input.
5. Frequency selection
By default the board is fitted with a 19.6608MHz crystal.
The crystal fits into a small socket, which allows the
crystal to be easily changed. For older Matrix TSL courses
a 3.2768MHz crystal is recommended. These frequencies
are chosen as they divide down by PICmicro prescalers
to give suitable frequencies for clock systems and for
facilitating serial communication using standard baud
rates.
The Jumper link system J18, J19 allows PICmicro devices
with internal oscillators to route the signals from the
oscillator pins through to Port A pins 6 and 7. This allows
the devices with internal oscillators to use all 8-bits of
the Port A for I/O operation.

6. In-Circuit Debugging
The Multiprogrammer board has an in-circuit debugging
(ICD) connection between the USB peripheral device
and the target microcontroller. This allows the Flowcode
software to start, stop, step and inspect an active
program, synchronized both in hardware and Flowcode
6 software. As well as the standard ICD operation,
Flowcode is capable of reading back real time variable
values from the target device.
To use the Microchip PICkit2 ICSP interface, remove
the power supply and the USB cable from the
Multiprogrammer. Then place the 3-way jumper link
associated with J12-14 to the left hand side of the 3 x
3 header pins, labeled ‘ICSP’. Then simply connect the
PICkit into the Multiprogrammer via header J20.
7. In-Circuit Test
The Multiprogrammer board has an in-circuit test (ICT)
connection between the USB peripheral device and all
of the target microcontroller’s I/O pins. This allows the
Flowcode 6 software to monitor all of the signals on the
board in either analogue or digital modes.
The in circuit test feature can be combined with packet
decoding to allow data and control busses to be explored
and debugged
8. Low voltage programming
Many PICmicros have a low voltage programming mode
where it is possible to program the device without the
need for a 12V supply line or charge pump. The difficulty
here is that different families of PICmicro devices use
different pins as the Low Voltage programming pin. B3 is
predominantly used for this function but B4 and B5 are
also used on some devices. For this reason the version
9 EB006 does not support low voltage programming
modes so care must be taken when generating the chip
configuration to disable the low voltage programming
functionality. If the low voltage programming
configuration is left enabled then you will not be able to
use the LVP pin as an I/O pin in your application.

Protective cover
Most of the boards in the E-blocks range can be fitted
with a plastic cover as an optional extra. These covers
are there to protect your E-blocks board therefore
extending the life of the board. The covers also prevent
the removal of external components while still allowing
for the adjustment of applicable parts on the board.
12mm M3 spacers, anti-slip M3 nuts and 25mm M3 bolts
can be used to attached the cover to the board. These
are not included but can be bought separately from our
website.
The order code for the EB006 PICmicro® MCU
microcontroller cover is EB706.





Similar Part No. - EB006V9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB006 ETC2-EB006 Datasheet
317Kb / 2P
E-blocks??Multiprogrammer
logo
Matrix Technology Solut...
EB00600 MATRIX-EB00600 Datasheet
204Kb / 1P
Easy Zigbee pack
logo
AG Electronica
EB0064 AGELECTRONICA-EB0064 Datasheet
236Kb / 1P
Escudo para control de motores y zocalo XBEE.
09/10/2017
EB0068 AGELECTRONICA-EB0068 Datasheet
228Kb / 1P
Escudo de sensores y actuadores.
03/11/2017
More results


Similar Description - EB006V9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB006 ETC2-EB006 Datasheet
317Kb / 2P
E-blocks??Multiprogrammer
logo
STMicroelectronics
UM1524 STMICROELECTRONICS-UM1524 Datasheet
1Mb / 35P
This document describes the functions
19-Sep-2012
UM1529 STMICROELECTRONICS-UM1529 Datasheet
1Mb / 35P
This document describes the functioning
18-Sep-2012
UM1554 STMICROELECTRONICS-UM1554 Datasheet
1Mb / 34P
This document describes the functioning
30-Aug-2012
AN4013 STMICROELECTRONICS-AN4013 Datasheet
519Kb / 37P
The purpose of this document
28-Jan-2015
UM0592 STMICROELECTRONICS-UM0592 Datasheet
958Kb / 22P
This document explains the use of the HDD extension demonstration board
11-Aug-2009
AN4127 STMICROELECTRONICS-AN4127 Datasheet
1Mb / 27P
This document describes the STEVAL-SPBT3ATV3 demonstration board
21-Jun-2012
AN4128 STMICROELECTRONICS-AN4128 Datasheet
1Mb / 28P
This document describes the STEVAL-SPBT4ATV3 demonstration board
21-Jun-2012
logo
Xilinx, Inc
OPB16450UART XILINX-OPB16450UART Datasheet
535Kb / 15P
This document provides the specification
logo
Silicon Laboratories
SI50X-32X4-EVB SILABS-SI50X-32X4-EVB Datasheet
1Mb / 8P
This document describes the operation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com