Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC3916DP Datasheet (PDF) - Texas Instruments

UCC3916DP Datasheet PDF - Texas Instruments
Part # UCC3916DP
Download  UCC3916DP Download
File Size   165.73 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCSI Termpower Manager

UCC3916DP Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC3916DP Datasheet PDF - Texas Instruments

Part # UCC3916DP
Download  UCC3916DP Click to download

File Size   165.73 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCSI Termpower Manager

UCC3916DP Datasheet (HTML) - Texas Instruments


UCC3916DP Product details

FEATURES
• Integrated Circuit Breaker Function
• Integrated 0.2 Power FET
• SCSI, SCSI-2, SCSI-3 Compliant
• 1μA ICC When Disabled
• Programmable On Time
• Accurate 1.65A Trip Current and
2.0A Max Current
• Fixed 3% Duty Cycle
• Uni-Directional Switch
• Thermal Shutdown

DESCRIPTION
The UCC3916 SCSI termpower manager provides complete power management,
hot swap capability, and circuit breaker functions with minimal external
components. For most applications, the only external component
required to operate the device, other than supply bypassing, is a timing capacitor
which sets the fault time.
The current trip level is internally set at 1.65A, and the maximum current
level is also internally programmed for 2A. While the output current is below
the trip level of 1.65A, the internal power MOSFET is switched on at a nominal
220mΩ. When the output current exceeds the trip level but remains
less than the maximum current level, the MOSFET remains switched on,
but the fault timer starts charging CT. Once the fault time is reached, the circuit
will shut off for a time which equates to a 3% duty cycle. Finally, when
the output current reaches the maximum current level, the MOSFET transitions
from a switch to a constant current source.
The UCC3916 is designed for uni-directional current flow, emulating a diode
in series with the power MOSFET.
The UCC3916 can be put in a sleep mode, drawing only 1μA of supply current.
Other features include thermal shutdown and low thermal resistance Small
Outline Power package.




Similar Part No. - UCC3916DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3916DP TI-UCC3916DP Datasheet
379Kb / 7P
SCSI Termpower Manager
UCC3916DPG4 TI-UCC3916DPG4 Datasheet
379Kb / 7P
SCSI Termpower Manager
UCC3916DPTR TI-UCC3916DPTR Datasheet
379Kb / 7P
SCSI Termpower Manager
UCC3916DPTRG4 TI-UCC3916DPTRG4 Datasheet
379Kb / 7P
SCSI Termpower Manager
More results


Similar Description - UCC3916DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3916 TI-UCC3916 Datasheet
36Kb / 3P
SCSI Termpower Manager
logo
Dallas Semiconductor
DS21T05 DALLAS-DS21T05 Datasheet
99Kb / 7P
SCSI Terminator
DS2114 DALLAS-DS2114 Datasheet
71Kb / 6P
SCSI Terminator
DS21T06 DALLAS-DS21T06 Datasheet
114Kb / 6P
SCSI Terminator
logo
List of Unclassifed Man...
8AL050S-325F1-AN ETC2-8AL050S-325F1-AN Datasheet
128Kb / 3P
SCSI CONNECTORS
logo
Texas Instruments
UCC3916DP TI-UCC3916DP Datasheet
379Kb / 7P
SCSI Termpower Manager
logo
Assmann Electronics Inc...
AK545-2-R ASSMANN-AK545-2-R Datasheet
273Kb / 1P
CABLE SCSI 1-SCSI 2 UL2990
logo
Maxim Integrated Produc...
DS21T07 MAXIM-DS21T07 Datasheet
107Kb / 7P
SCSI Terminator
112099
DS21T05 MAXIM-DS21T05 Datasheet
104Kb / 7P
SCSI Terminator
112099
DS2114 MAXIM-DS2114 Datasheet
76Kb / 6P
SCSI Terminator
070198
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com