Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC3918DP Datasheet (PDF) - Texas Instruments

UCC3918DP Datasheet PDF - Texas Instruments
Part # UCC3918DP
Download  UCC3918DP Download
File Size   298.26 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW ON-RESISTANCE HOT SWAP POWER MANAGER

UCC3918DP Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC3918DP Datasheet PDF - Texas Instruments

Part # UCC3918DP
Download  UCC3918DP Click to download

File Size   298.26 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW ON-RESISTANCE HOT SWAP POWER MANAGER

UCC3918DP Datasheet (HTML) - Texas Instruments


UCC3918DP Product details

Integrated 0.075-Ω Power MOSFET
3 V to 6 V Operation
External Analog Control of Fault Current
from 0 A to 4 A
Independent Analog Control of Current
Limit Up to 5 A
Fast Overload Protection
Unidirectional Switch
Minimal External Components
1-µA ICC When Disabled
Programmable On Time
Programmable Start Delay
Fixed 3% Duty Cycle




Similar Part No. - UCC3918DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3918DP TI-UCC3918DP Datasheet
192Kb / 11P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918DP TI1-UCC3918DP Datasheet
367Kb / 13P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918DPG4 TI1-UCC3918DPG4 Datasheet
367Kb / 13P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918DPTR TI-UCC3918DPTR Datasheet
192Kb / 11P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918DPTR TI1-UCC3918DPTR Datasheet
367Kb / 13P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
More results


Similar Description - UCC3918DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2918 TI-UCC2918 Datasheet
168Kb / 7P
Low On Resistance Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC39161 TI-UCC39161 Datasheet
258Kb / 4P
LOW CURRENT HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3918 TI-UCC3918 Datasheet
192Kb / 11P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2918 TI1-UCC2918_08 Datasheet
205Kb / 10P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918 TI1-UCC3918_09 Datasheet
367Kb / 13P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC39161 TI1-UCC39161_10 Datasheet
150Kb / 6P
LOW CURRENT HOT SWAP POWER MANAGER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com