Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFC110 Datasheet (PDF) - Texas Instruments

VFC110 Datasheet PDF - Texas Instruments
Part # VFC110
Download  VFC110 Download
File Size   290.12 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER

VFC110 Datasheet (PDF)

Go To PDF Page Download Datasheet
VFC110 Datasheet PDF - Texas Instruments

Part # VFC110
Download  VFC110 Click to download

File Size   290.12 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER

VFC110 Datasheet (HTML) - Texas Instruments


VFC110 Product details

FEATURES
HIGH-FREQUENCY OPERATION:
4MHz FS max
EXCELLENT LINEARITY:
±0.02% typ at 2MHz
PRECISION 5V REFERENCE
DISABLE PIN
LOW JITTER

APPLICATIONS
INTEGRATING A/D CONVERSION
PROCESS CONTROL
VOLTAGE ISOLATION
VOLTAGE-CONTROLLED OSCILLATOR
FM TELEMETRY

DESCRIPTION
The VFC110 voltage-to-frequency converter is a
third-generation VFC offering improved features and
performance. These include higher frequency operation,
an onboard precision 5V reference, and a Disable
function.
The precision 5V reference can be used for offsetting the
VFC transfer function, as well as exciting transducers or
bridges. The Enable pin allows several VFCs’ outputs to
be paralleled, multiplexed, or simply to shut off the VFC.
The open-collector frequency output is TTL-/
CMOS-compatible. The output may be isolated by using
an opto-coupler or transformer.
Internal input resistor, one-shot and integrator capacitors
simplify applications circuits. These components are
trimmed for a full-scale output frequency of 4MHz at 10V
input. No additional components are required for many
applications.
The VFC110 is packaged in a plastic 14-pin DIP. Industrial
and military temperature range gradeouts are available.




Similar Part No. - VFC110

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC110 BURR-BROWN-VFC110 Datasheet
98Kb / 8P
High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
Burr-Brown (TI)
VFC110AG BURR-BROWN-VFC110AG Datasheet
98Kb / 8P
High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
Texas Instruments
VFC110AG2 TI1-VFC110AG2 Datasheet
200Kb / 12P
High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
Burr-Brown (TI)
VFC110AP BURR-BROWN-VFC110AP Datasheet
98Kb / 8P
High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
More results


Similar Description - VFC110

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC110 BURR-BROWN-VFC110 Datasheet
98Kb / 8P
High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
List of Unclassifed Man...
SSM2031 ETC-SSM2031 Datasheet
56Kb / 1P
HIGH FREQUENCY OSCILLATER/VOLTAGE TO FREQUENCY CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
AD650 AD-AD650_17 Datasheet
449Kb / 21P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com