Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1021 Datasheet (PDF) - Texas Instruments

VSP1021 Datasheet PDF - Texas Instruments
Part # VSP1021
Download  VSP1021 Download
File Size   308.29 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END

VSP1021 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSP1021 Datasheet PDF - Texas Instruments

Part # VSP1021
Download  VSP1021 Click to download

File Size   308.29 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END

VSP1021 Datasheet (HTML) - Texas Instruments


VSP1021 Product details

features
10-Bit, 25-MSPS, Analog-to-Digital
Converter (ADC)
Single Power Supply Operation, 2.7 V to
3.3 V
Low Power: 95 mW at 2.7 V, Power-Down
Mode: 1 mW
Full-Channel Differential-Nonlinearity Error:
<±0.5 LSB Typical
Full-Channel Integral-Nonlinearity Error:
<±1.5 LSB Typical
Dual Input Modes: CCD and Video
Programmable-Gain Amplifier (PGA) With
0-dB to 36-dB Gain Range (0.047 dB/Step)
for CCD Mode, 0-dB to 12-dB Gain Range
(0.047 dB/Step) for Video Mode
Serial Interface for Register Configuration
Programmable Black-Level and Offset
Calibration
Analog Gain Implementation With Specified
No Missing Code, Even At High Gains
Additional Digital-to-Analog Converters
(DACs) for External Analog Setting
Internal Reference Voltages
Programmable Internal-Timing Signal
Delays
48-Terminal TQFP Packag

applications
Digital Still Camera
Digital Camcorder
Digital Video Camera




Similar Part No. - VSP1021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP1021 TI-VSP1021 Datasheet
245Kb / 17P
3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP1021 TI1-VSP1021 Datasheet
628Kb / 6P
3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP1021PFB TI-VSP1021PFB Datasheet
245Kb / 17P
3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP1021PFB TI1-VSP1021PFB Datasheet
628Kb / 6P
3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP1021PFBG4 TI1-VSP1021PFBG4 Datasheet
628Kb / 6P
3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
More results


Similar Description - VSP1021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
TLV986 TI-TLV986 Datasheet
266Kb / 20P
3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
VSP1021 TI-VSP1021 Datasheet
245Kb / 17P
3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
TLV990-21 TI-TLV990-21 Datasheet
311Kb / 22P
3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI-TLV990-13 Datasheet
289Kb / 22P
3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
VSP10T21 TI-VSP10T21 Datasheet
284Kb / 21P
3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
TLV990-28 TI-TLV990-28 Datasheet
322Kb / 22P
3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
VSP1021 TI1-VSP1021_14 Datasheet
628Kb / 6P
3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com