Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2810 Datasheet (PDF) - Texas Instruments

UCC2810 Datasheet PDF - Texas Instruments
Part # UCC2810
Download  UCC2810 Download
File Size   297.97 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM

UCC2810 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC2810 Datasheet PDF - Texas Instruments

Part # UCC2810
Download  UCC2810 Click to download

File Size   297.97 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM

UCC2810 Datasheet (HTML) - Texas Instruments


UCC2810 Product details

FEATURES
· Single Oscillator Synchronizes Two PWMs
· 150-μA Startup Supply Current
· 2-mA Operating Supply Current
· Operation to 1 MHz
· Internal Soft-Start
· Full-Cycle Fault Restart
· Internal Leading-Edge Blanking of the Current
Sense Signal
· 1-A Totem Pole Outputs
· 75-ns Typical Response from Current Sense
to Output
· 1.5% Tolerance Voltage Reference

DESCRIPTION
The UCC3810 is a high-speed BiCMOS controller
integrating two synchronized pulse width modulators
for use in off-line and dc-to-dc power supplies. The
UCC3810 family provides perfect synchronization
between two PWMs by usin g the same oscillator.
The oscillator’s sawtooth waveform can be used for
slope compensation if required.
Using a toggle flip-flop to alternate between
modulators, the UCC3810 ensures that one PWM
does not slave, interfere, or otherwise affect the other PWM. This toggle flip- flop also ensures that
each PWM is limited to 50% maximum duty cycle,
insuring adequate off-time to reset magnetic
elements. This device contains many of the same
elements of the UC3842 current mode controller
family, combined with the enhancements of the
UCC3802. This minimizes power supply parts count.
Enhancements include leading edge blanking of the
current sense signals, full cycle fault restart, CMOS
output drivers, and outputs which remain low even
when the supply voltage is removed.




Similar Part No. - UCC2810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2810 TI-UCC2810 Datasheet
469Kb / 8P
Dual Channel Synchronized Current Mode PWM
UCC2810 TI-UCC2810 Datasheet
518Kb / 14P
DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC2810 TI1-UCC2810 Datasheet
357Kb / 12P
DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC2810DW TI-UCC2810DW Datasheet
518Kb / 14P
DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC2810DWG4 TI1-UCC2810DWG4 Datasheet
357Kb / 12P
DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
More results


Similar Description - UCC2810

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44605 ONSEMI-MC44605 Datasheet
328Kb / 20P
High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
May, 2000 ??Rev. 2
logo
Texas Instruments
UCC1810 TI-UCC1810 Datasheet
469Kb / 8P
Dual Channel Synchronized Current Mode PWM
UCC2806 TI-UCC2806 Datasheet
726Kb / 21P
LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC2810 TI-UCC2810 Datasheet
518Kb / 14P
DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
logo
ON Semiconductor
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Texas Instruments
UCC1806 TI1-UCC1806_13 Datasheet
1Mb / 32P
LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC2810 TI1-UCC2810_10 Datasheet
357Kb / 12P
DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC3810-DIE TI-UCC3810-DIE_15 Datasheet
124Kb / 5P
DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC1806 TI1-UCC1806_16 Datasheet
1Mb / 33P
LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com