Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSA1H60H Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

SSA1H60H Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # SSA1H60H
Download  SSA1H60H Download
File Size   468.11 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A, 60V Schottky Barrier Surface Mount Rectifier

SSA1H60H Datasheet (PDF)

Go To PDF Page Download Datasheet
SSA1H60H Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # SSA1H60H
Download  SSA1H60H Click to download

File Size   468.11 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A, 60V Schottky Barrier Surface Mount Rectifier

SSA1H60H Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


SSA1H60H Product details

FEATURES
AEC-Q101 qualified
Low power loss, high efficiency
Ideal for automated placement
High surge current capability
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free
APPLICATIONS
Low voltage, high frequency
DC/DC converter
Freewheeling diodes
Reverse battery protection
Car lighting




Similar Part No. - SSA1H60H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSA1H100H TSC-SSA1H100H Datasheet
467Kb / 6P
1A, 100V Schottky Barrier Surface Mount Rectifier
Version: A2504
SSA1H40H TSC-SSA1H40H Datasheet
467Kb / 6P
1A, 40V Schottky Barrier Surface Mount Rectifier
Version: A2504
More results


Similar Description - SSA1H60H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT1000 DIODES-BAT1000 Datasheet
79Kb / 3P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev 2 - 2
BAT1000 DIODES-BAT1000_1 Datasheet
364Kb / 3P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev. 6 - 2
logo
Gulf Semiconductor
SB36L-A GULFSEMI-SB36L-A Datasheet
183Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 3.0A
logo
Diodes Incorporated
BAT1000 DIODES-BAT1000_10 Datasheet
80Kb / 4P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 9 - 2 October 2010
logo
SeCoS Halbleitertechnol...
SCS491DJ SECOS-SCS491DJ Datasheet
90Kb / 2P
1A , 25V Surface Mount Schottky Barrier Rectifier
SCS491D SECOS-SCS491D_11 Datasheet
62Kb / 2P
1A , 25V Surface Mount Schottky Barrier Rectifier
logo
GOOD-ARK Electronics
FSL16 GOOD-ARK-FSL16_15 Datasheet
208Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 1A
logo
Yea Shin Technology Co....
BAT140 YEASHIN-BAT140 Datasheet
124Kb / 3P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR180S1 DIODES-MBR180S1 Datasheet
364Kb / 5P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Taiwan Semiconductor Co...
SS120 TSC-SS120 Datasheet
286Kb / 5P
1A, 200V Surface Mount Schottky Barrier Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com