Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8KF6H Datasheet (PDF) - Rohm

HT8KF6H Datasheet PDF - Rohm
Part # HT8KF6H
Download  HT8KF6H Download
File Size   2482.64 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 150V NchNch Power MOSFET

HT8KF6H Datasheet (PDF)

Go To PDF Page Download Datasheet
HT8KF6H Datasheet PDF - Rohm

Part # HT8KF6H
Download  HT8KF6H Click to download

File Size   2482.64 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 150V NchNch Power MOSFET

HT8KF6H Datasheet (HTML) - Rohm


HT8KF6H Product details

Features
1) Low on - resistance
2) High power small mold package (HSMT8)
3) Pb-free plating ; RoHS compliant
4) Halogen Free
5) 100% Rg and UIS tested
Application
Switching
Motor drives




Similar Part No. - HT8KF6H

ManufacturerPart #DatasheetDescription
logo
Rohm
HT8KB5 ROHM-HT8KB5 Datasheet
2Mb / 14P
40V NchNch Power MOSFET
20230302 - Rev.002
HT8KB6 ROHM-HT8KB6 Datasheet
2Mb / 14P
40V NchNch Power MOSFET
20231023 - Rev.001
HT8KC5 ROHM-HT8KC5 Datasheet
2Mb / 14P
60V NchNch Power MOSFET
20230302 - Rev.002
HT8KC6 ROHM-HT8KC6 Datasheet
2Mb / 14P
60V NchNch Power MOSFET
20230328 - Rev.001
HT8KE5 ROHM-HT8KE5 Datasheet
2Mb / 14P
100V NchNch Power MOSFET
20230302 - Rev.002
More results


Similar Description - HT8KF6H

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K23FRA ROHM-SP8K23FRA Datasheet
2Mb / 15P
45V NchNch Power MOSFET
SP8K41FRA ROHM-SP8K41FRA Datasheet
2Mb / 15P
80V NchNch Power MOSFET
RS6R035BH ROHM-RS6R035BH Datasheet
2Mb / 13P
Nch 150V 35A Power MOSFET
20220715 - Rev.002
RS6R060BH ROHM-RS6R060BH Datasheet
2Mb / 13P
Nch 150V 60A Power MOSFET
20220603 - Rev.002
RH6R025BH ROHM-RH6R025BH Datasheet
2Mb / 13P
Nch 150V 25A Power MOSFET
20220823 - Rev.002
RD3R05BBH ROHM-RD3R05BBH Datasheet
2Mb / 13P
Nch 150V 50A Power MOSFET
20221109 - Rev.002
RX3R05BBH ROHM-RX3R05BBH Datasheet
2Mb / 13P
Nch 150V 50A Power MOSFET
20221109 - Rev.002
RX3R10BBH ROHM-RX3R10BBH Datasheet
2Mb / 13P
Nch 150V 105A Power MOSFET
20221109 - Rev.002
RD3R02BBH ROHM-RD3R02BBH Datasheet
2Mb / 13P
Nch 150V 20A Power MOSFET
20221122 - Rev.002
RJ1R10BBH ROHM-RJ1R10BBH Datasheet
2Mb / 13P
Nch 150V 105A Power MOSFET
20230531 - Rev.004
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com