Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39000065 Datasheet (PDF) - Molex Electronics Ltd.

39000065 Datasheet PDF - Molex Electronics Ltd.
Part # 39000065
Download  39000065 Download
File Size   92.49 Kbytes
Page   6 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PremiumGrade Hand Crimp Tool for Mini-Fit Jr. Male and Female Terminals, 28-22 AWG

39000065 Datasheet (PDF)

Go To PDF Page Download Datasheet
39000065 Datasheet PDF - Molex Electronics Ltd.

Part # 39000065
Download  39000065 Click to download

File Size   92.49 Kbytes
Page   6 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PremiumGrade Hand Crimp Tool for Mini-Fit Jr. Male and Female Terminals, 28-22 AWG

39000065 Datasheet (HTML) - Molex Electronics Ltd.


39000065 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description PremiumGrade Hand Crimp Tool
for Mini-Fit Jr. Male and Female
Terminals, 28-22 AWG
Comments See Tooling Specification (PDF)
Above; Type: 4D
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name PremiumGrade
Tool Type Hand Crimp Tool
UPC 800756955506
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 39000065

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39000060 MOLEX-39000060 Datasheet
52Kb / 3P
Hand Crimp Tool
Jun 04, 2025
39000060 MOLEX-39000060 Datasheet
51Kb / 3P
Hand Crimp Tool
Jun 04, 2025
39000066 MOLEX-39000066 Datasheet
52Kb / 3P
Handtool - Straight Action
Jun 04, 2025
39000068 MOLEX-39000068 Datasheet
52Kb / 3P
Handtool - Straight Action
Jun 04, 2025
More results


Similar Description - 39000065

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2002180200 MOLEX1-2002180200 Datasheet
37Kb / 1P
Hand Crimp Tool for Mini-Fit TPA2 Male and Female Crimp Terminals, 22 AWG, Large
ATS-638190900 MOLEX-ATS-638190900 Datasheet
1Mb / 9P
Hand Crimp Tool For Mini-Fit??Jr. Male and Female Crimp Terminals
08-28-15
0638192600 MOLEX-0638192600 Datasheet
39Kb / 1P
PremiumGrade Hand Crimp Tool for Female Terminals, 22-28 AWG
11/02/2021
63819-0901 MOLEX-63819-0901 Datasheet
1Mb / 9P
Hand Crimp Tool For Mini-Fit Jr. Male and Female Crimp Terminals
12-21-21
200218-2200 MOLEX-200218-2200 Datasheet
1Mb / 8P
Hand Crimp Tool for Mini-Fit Jr. Male and Female Crimp Terminals
11-17-21
2002182200 MOLEX-2002182200 Datasheet
1Mb / 8P
Hand Crimp Tool for Mini-Fit Jr. Male and Female Crimp Terminals
05-23-22
0638113800 MOLEX-0638113800 Datasheet
33Kb / 2P
PremiumGrade Hand Crimp Tool for 10.00mm Mini-Fit Sr. Male and Female Terminals, 14-16 AWG
08/25/2022
0638118100 MOLEX-0638118100 Datasheet
36Kb / 1P
PremiumGrade Hand Crimp Tool for Mini-Lock Terminals, 22-28 AWG
08/26/2022
0638190800 MOLEX-0638190800 Datasheet
44Kb / 3P
PremiumGrade Hand Crimp Tool for Mini-Fit Jr. Male and Female Terminals, 22-28 AWG
11/02/2021
0638190901 MOLEX-0638190901 Datasheet
52Kb / 4P
PremiumGrade Hand Crimp Tool for Mini-Fit Jr. Male and Female Terminals, 18-24 AWG
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com