Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1762 Datasheet (PDF) - Analog Devices

ADP1762 Datasheet PDF - Analog Devices
Part # ADP1762
Download  ADP1762 Download
File Size   1213.09 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 A, Low VIN, Low Noise, CMOS Linear Regulator

ADP1762 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1762 Datasheet PDF - Analog Devices

Part # ADP1762
Download  ADP1762 Click to download

File Size   1213.09 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 A, Low VIN, Low Noise, CMOS Linear Regulator

ADP1762 Datasheet (HTML) - Analog Devices


ADP1762 Product details

FEATURES
2 A maximum output current Low input voltage supply range
VIN = 1.10 V to 1.98 V, no external bias supply required Fixed output voltage range: VOUT_FIXED = 0.9 V to 1.5 V Adjustable output voltage range: VOUT_ADJ = 0.5 V to 1.5 V Ultralow noise: 2 μV rms, 100 Hz to 100 kHz Noise spectral density
4 nV/√Hz at 10 kHz 3 nV/√Hz at 100 kHz Low dropout voltage: 62 mV typical at 2 A load Operating supply current: 4.5 mA typical at no load ±1.5% fixed output voltage accuracy over line, load, and
temperature
Excellent power supply rejection ratio (PSRR) performance
62 dB typical at 10 kHz at 2 A load
46 dB typical at 100 kHz at 2 A load Excellent load/line transient response
Soft start to reduce inrush current
Optimized for small 10 μF ceramic capacitors Current-limit and thermal overload protection
Power-good indicator
Precision enable
16-lead, 3 mm × 3 mm LFCSP package
AEC-Q100 qualified for automotive applications

APPLICATIONS
Regulation to noise sensitive applications such as radio
frequency (RF) transceivers, analog-to-digital converter
(ADC) and digital-to-analog converter (DAC) circuits,
phase-locked loops (PLLs), voltage controlled oscillators
(VCOs) and clocking integrated circuits
Field-programmable gate array (FPGA) and digital signal processor (DSP) supplies
Medical and healthcare
Industrial and instrumentation




Similar Part No. - ADP1762

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1762 AD-ADP1762 Datasheet
883Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1762 AD-ADP1762 Datasheet
1,007Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1762 AD-ADP1762 Datasheet
935Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1762 AD-ADP1762 Datasheet
777Kb / 20P
4 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
ADP1762 AD-ADP1762 Datasheet
782Kb / 20P
5 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
More results


Similar Description - ADP1762

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1740 AD-ADP1740 Datasheet
165Kb / 6P
2 A, Low Dropout, CMOS Linear Regulator
Rev. PrA
logo
Linear Technology
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Analog Devices
ADP1752 AD-ADP1752 Datasheet
703Kb / 20P
0.8 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1740 AD-ADP1740_13 Datasheet
743Kb / 20P
2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
logo
Linear Technology
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Analog Devices
ADP1764 AD-ADP1764 Datasheet
777Kb / 20P
4 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
ADP1765 AD-ADP1765 Datasheet
782Kb / 20P
5 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com