Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF700 Datasheet (PDF) - Analog Devices

ADSP-BF700 Datasheet PDF - Analog Devices
Part # ADSP-BF700
Download  ADSP-BF700 Download
File Size   2995.5 Kbytes
Page   114 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Blackfin Core Embedded Processor

ADSP-BF700 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADSP-BF700 Datasheet PDF - Analog Devices

Part # ADSP-BF700
Download  ADSP-BF700 Click to download

File Size   2995.5 Kbytes
Page   114 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Blackfin Core Embedded Processor

ADSP-BF700 Datasheet (HTML) - Analog Devices


ADSP-BF700 Product details

FEATURES
Blackfin+ core with up to 400 MHz performance
Dual 16-bit or single 32-bit MAC support per cycle
16-bit complex MAC and many other instruction set
enhancements
Instruction set compatible with previous Blackfin products
Low-cost packaging
88-Lead LFCSP_VQ (QFN) package (12 mm × 12 mm), 
RoHS compliant
184-Ball CSP_BGA package (12 mm × 12 mm × 0.8 mm
pitch), RoHS compliant
Low system power with < 100 mW core domain power at
400 MHz (< 0.25 mW/MHz) at 25°C TJUNCTION
AEC-Q100 qualified for automotive applications




Similar Part No. - ADSP-BF700

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF700 AD-ADSP-BF700 Datasheet
2Mb / 116P
Instruction set compatible with previous Blackfin products
Rev. A
ADSP-BF700BCPZ-2 AD-ADSP-BF700BCPZ-2 Datasheet
2Mb / 116P
Instruction set compatible with previous Blackfin products
Rev. A
ADSP-BF700KCPZ-1 AD-ADSP-BF700KCPZ-1 Datasheet
2Mb / 116P
Instruction set compatible with previous Blackfin products
Rev. A
ADSP-BF700KCPZ-2 AD-ADSP-BF700KCPZ-2 Datasheet
2Mb / 116P
Instruction set compatible with previous Blackfin products
Rev. A
More results


Similar Description - ADSP-BF700

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
Blackfin Embedded Processor
3/04-Revision 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
Blackfin Embedded Processor
May-2006
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
Blackfin Embedded Processor
Sep-2006
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
Blackfin Embedded Processor
Rev. E
ADSP-BF608BBCZ-5 AD-ADSP-BF608BBCZ-5 Datasheet
3Mb / 112P
Blackfin Dual Core Embedded Processor
REV. 0
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
Blackfin Embedded Processor
REV. B
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
Blackfin Embedded Processor
Rev. I
ADSP-BF607BBCZ-5 AD-ADSP-BF607BBCZ-5 Datasheet
3Mb / 112P
Blackfin Dual Core Embedded Processor
REV. 0
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
Blackfin Embedded Processor
REV. D
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
Blackfin Embedded Processor
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com