Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5024 Datasheet (PDF) - Sensata Technologies, Inc.

5024 Datasheet PDF - Sensata Technologies, Inc.
Part # 5024
Download  5024 Download
File Size   250.45 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description TEMPERATURE SENSOR

5024 Datasheet (PDF)

Go To PDF Page Download Datasheet
5024 Datasheet PDF - Sensata Technologies, Inc.

Part # 5024
Download  5024 Click to download

File Size   250.45 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description TEMPERATURE SENSOR

5024 Datasheet (HTML) - Sensata Technologies, Inc.


5024 Product details

Features
• High temperature NTC Sensing
• Peak temperature to 300° C
• High accuracy over complete range
• Fast response time
• Stainless steel construction
• Integrated electrical connection
Applications
• Exhaust gas recirculation systems, Automotive
• Diesel/Gas/Natural gas generators
• Wet exhaust gas, Marine
• Commercial lawnmowers
• Boiler exhaust gas monitoring




Similar Part No. - 5024

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
5024 KEYSTONE-5024 Datasheet
277Kb / 1P
THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Sensata Technologies, I...
5024 SENSATA-5024 Datasheet
252Kb / 2P
Custom Temperature Sensor Packages
Rev:03/09/18
logo
Molex Electronics Ltd.
5024 MOLEX11-5024 Datasheet
462Kb / 1P
(THM) THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Keystone Electronics Co...
5024 KEYSTONE-5024 Datasheet
462Kb / 1P
(THM) THRU HOLE MOUNT TEST POINTS - COLOR KEYED
31-07 20th
logo
Molex Electronics Ltd.
50240-7026 MOLEX7-50240-7026 Datasheet
104Kb / 2P
Ring Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size1/2" (M12), Oxygen-Free Copper, Length 26.90mm (1.059")
More results


Similar Description - 5024

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
TEMPERATURE SENSOR
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
JUNE 2007
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3000GB0A0 IDT-TS3000GB0A0 Datasheet
706Kb / 25P
Temperature Sensor
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
Temperature Sensor
07-Sep-2017
logo
TRACO Electronic AG
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
Temperature Sensor
Rev. June 30, 2021
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
Temperature Sensor
Rev. June 30, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com