Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHM3 Datasheet (PDF) - Sensata Technologies, Inc.

AHM3 Datasheet PDF - Sensata Technologies, Inc.
Part # AHM3
Download  AHM3 Download
File Size   309.63 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description Magnetic Analog Absolute Single Turn Encoders

AHM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
AHM3 Datasheet PDF - Sensata Technologies, Inc.

Part # AHM3
Download  AHM3 Click to download

File Size   309.63 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description Magnetic Analog Absolute Single Turn Encoders

AHM3 Datasheet (HTML) - Sensata Technologies, Inc.


AHM3 Product details

Features
• With its 30mm size and a 6mm solid shaft, AHM3 encoder
characterizes itself by its strong robustness of the mechanical
and electro-magnetic parts, it’s the most compact really
industrial encoder with a solid shaft.
• Application fields : agriculture, construction, forestry vehicles,
medical applications, solar panels...
• Magnetic technology, contactless.
• Available resolution up to 12 bits per revolution.
• Universal supply 5 to 30Vdc available.
• Also available : analog, PWM and SSI outputs..
• Available in option : Extended temperature range (up to
-40..+125°C), IP67/IP69K...




Similar Part No. - AHM3

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
AHM3 SENSATA-AHM3 Datasheet
343Kb / 4P
ANALOG ABSOLUTE SINGLE TURN ENCODERS
More results


Similar Description - AHM3

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1M2H IVO-G1M2H Datasheet
630Kb / 4P
Absolute encoders - SSI
G1S2B IVO-G1S2B Datasheet
637Kb / 4P
Absolute encoders - SSI
GCM2S IVO-GCM2S Datasheet
605Kb / 4P
Absolute encoders - SSI
GE400 IVO-GE400 Datasheet
592Kb / 4P
Absolute encoders - SSI
GXA1W IVO-GXA1W Datasheet
600Kb / 4P
Absolute encoders - parallel
GXN1H IVO-GXN1H Datasheet
570Kb / 4P
Absolute encoders - parallel
GXN1W IVO-GXN1W Datasheet
594Kb / 4P
Absolute encoders - parallel
GXP2W IVO-GXP2W Datasheet
666Kb / 4P
Absolute encoders - SSI
RXA1H IVO-RXA1H Datasheet
569Kb / 4P
Absolute encoders - parallel
X700-SSI IVO-X700-SSI Datasheet
568Kb / 4P
Absolute encoders - SSI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com