Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL705AEHVF Datasheet (PDF) - Renesas Technology Corp

ISL705AEHVF Datasheet PDF - Renesas Technology Corp
Part # ISL705AEHVF
Download  ISL705AEHVF Download
File Size   968.15 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened, 5.0V/3.3V μ-Processor Supervisory Circuits

ISL705AEHVF Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL705AEHVF Datasheet PDF - Renesas Technology Corp

Part # ISL705AEHVF
Download  ISL705AEHVF Click to download

File Size   968.15 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened, 5.0V/3.3V μ-Processor Supervisory Circuits

ISL705AEHVF Datasheet (HTML) - Renesas Technology Corp


ISL705AEHVF Product details

Features
▪ Electrically screened to SMD 5962-11213
▪ QML qualified per MIL-PRF-38535 requirements
▪ Precision supply voltage monitor
• 4.65V threshold in the ISL7x5AxH/BxH/CxH
• 3.08V threshold in the ISL7x6AxH/BxH/CxH
▪ 200ms (typ) reset pulse width
• Active high, active low, and open-drain options
▪ Independent watchdog timer with 1.6s (typ) timeout
▪ Precision threshold detector
• 1.25V threshold in the ISL7x5AxH/BxH/CxH
• 0.6V threshold in the ISL7x6AxH/BxH/CxH
▪ Debounced TTL/CMOS compatible manual-reset
input
▪ Reset output valid at VDD = 1.2V
▪ TID Rad Hard Assurance (RHA) testing -
ISL705xRH, ISL706xRH
• High dose rate (50rad(Si)/s - 300rad(Si)/s):
100krad(Si)
▪ TID Rad Hard Assurance (RHA) testing -
ISL705xEH, ISL706xEH
• High dose rate (50rad(Si)/s - 300rad(Si)/s):
100krad(Si)
• Low dose rate (0.01rad(Si)/s): 50krad(Si)
▪ TID Rad Hard Assurance (RHA) testing -
ISL735xEH, ISL736xEH
• Low dose rate (0.01rad(Si)/s): 50krad(Si)
▪ SEE Characterization (see SEE report for details)
• No DSEE for VDD = 6.5V and 86MeV•cm2/mg




Similar Part No. - ISL705AEHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL705AEHVF INTERSIL-ISL705AEHVF Datasheet
1Mb / 19P
Rad-Hard, 5.0V/3.3V u-Processor Supervisory Circuits
March 30, 2012
ISL705AEHVF INTERSIL-ISL705AEHVF Datasheet
1Mb / 19P
Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
March 30, 2012
More results


Similar Description - ISL705AEHVF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
PROCESSOR SUPERVISORY CIRCUITS
logo
Intersil Corporation
ISL705ARH INTERSIL-ISL705ARH Datasheet
1Mb / 15P
Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
September 15, 2011
ISL705AEH INTERSIL-ISL705AEH Datasheet
1Mb / 19P
Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
March 30, 2012
logo
Texas Instruments
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
Processor Supervisory Circuits
logo
Intersil Corporation
ISL705AEHVF INTERSIL-ISL705AEHVF Datasheet
1Mb / 19P
Rad-Hard, 5.0V/3.3V u-Processor Supervisory Circuits
March 30, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com